Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILQ2 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # ILQ2
Description  PHOTOTRANSISTOR OPTOCOUPLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILQ2 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  ILQ2 Datasheet HTML 1Page - Siemens Semiconductor Group ILQ2 Datasheet HTML 2Page - Siemens Semiconductor Group ILQ2 Datasheet HTML 3Page - Siemens Semiconductor Group ILQ2 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5–2
ILD/Q1/2/5
Characteristics
Package Transfer Characteristics (Each Channel)
Symbol
Min.
Typ.
Max.
Unit
Condition
Emitter
Forward Voltage
VF
1.25
1.65
V
IF=60 mA
Reverse Current
IR
0.01
10
µAV
R=6 V
Capacitance
C0
25
pF
VR=0 V, f=1 MHz
Thermal Resistance, Junction to Lead
RTHJL
750
°C/W
Detector
Capacitance
CCE
6.8
pF
VCE=5 V, f=1 MHz
Leakage Current, Collector-Emitter
ICEO
550
nA
VCE=10 V
Saturation Voltage, Collector-Emitter
VCESAT
0.25
0.4
ICE=1 mA, IB=20 µA
DC Forward Current Gain
HFE
200
650
1800
VCE= 10 V, IB=20 µA
Saturated DC Forward Current Gain
HFESAT
120
400
600
VCE= 0.4 V, IB=20 µA
Thermal Resistance, Junction to Lead
RTHJL
500
°C/W
Symbol
Min.
Typ.
Max.
Unit
Condition
ILD/Q1
Saturated Current Transfer Ratio (Collector-Emitter)
CTRCESAT
75
%
IF=10 mA, VCE=0.4 V
Current Transfer Ratio (Collector-Emitter)
CTRCE
20
90
300
%
IF=10 mA, VCE=10 V
ILD/Q2
Saturated Current Transfer Ratio (Collector-Emitter)
CTRCESAT
170
%
IF=10 mA, VCE=0.4 V
Current Transfer Ratio (Collector-Emitter)
CTRCE
100
200
500
%
IF=10 mA, VCE=10 V
ILD/Q5
Saturated Current Transfer Ratio (Collector-Emitter)
CTRCESAT
100
%
IF=10 mA, VCE=0.4 V
Current Transfer Ratio (Collector-Emitter)
CTRCE
50
130
400
%
IF=10 mA, VCE =10 V
Isolation and Insulation
Common Mode Rejection, Output High
CMH
5000
V/
µsV
CM=50 VP-P, RL=1 kΩ, IF=0 mA
Common Mode Rejection, Output Low
CML
5000
V/
µsV
CM=50 VP-P, RL=1 kΩ, IF=10 mA
Common Mode Coupling Capacitance
CCM
0.01
pF
Package Capacitance
CIO
0.8
pF
VIO=0 V, f=1 MHz


Similar Part No. - ILQ2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ2 VISHAY-ILQ2 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILQ2 VISHAY-ILQ2 Datasheet
174Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
logo
ISOCOM COMPONENTS
ILQ2 ISOCOM-ILQ2 Datasheet
87Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
logo
Vishay Siliconix
ILQ2 VISHAY-ILQ2 Datasheet
200Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.8, 28-Jun-11
ILQ2 VISHAY-ILQ2 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results

Similar Description - ILQ2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
   Phototransistor Optocoupler
logo
QT Optoelectronics
MCT271 QT-MCT271 Datasheet
455Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
ILD615 SIEMENS-ILD615 Datasheet
95Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Microsemi Corporation
MXP1158 MICROSEMI-MXP1158 Datasheet
38Kb / 1P
   Phototransistor Optocoupler
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.8, 09-Aug-2018
logo
QT Optoelectronics
MCT2E QT-MCT2E Datasheet
608Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
   PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com