Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX31855KASA+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX31855KASA+
Description  Cold-Junction Compensated Thermocouple-to-Digital Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31855KASA+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX31855KASA+ Datasheet HTML 1Page - Maxim Integrated Products MAX31855KASA+ Datasheet HTML 2Page - Maxim Integrated Products MAX31855KASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX31855KASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX31855KASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX31855KASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX31855KASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX31855KASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX31855KASA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
����������������������������������������������������������������� Maxim Integrated Products 2
MAX31855
Cold-Junction Compensated
Thermocouple-to-Digital Converter
Supply Voltage Range (VCC to GND)..................-0.3V to +4.0V
All Other Pins............................................ -0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70NC)
SO (derate 5.9mW/NC above +70NC).......................470.6mW
ESD Protection (All Pins, Human Body Model)...................±2kV
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range .......................... -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) .....................................+260NC
SO
Junction-to-Ambient Thermal Resistance (BJA) ........170NC/W
Junction-to-Case Thermal Resistance (BJC) ...............40NC/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
RECOMMENDED OPERATING CONDITIONS
(TA = -40NC to +125NC, unless otherwise noted.)
DC ELECTRICAL CHARACTERISTICS
(3.0V P VCC P 3.6V, TA = -40NC to +125NC, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Voltage
VCC
(Note 2)
3.0
3.3
3.6
V
Input Logic 0
VIL
-0.3
+0.8
V
Input Logic 1
VIH
2.1
VCC +
0.3
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Current
ICC
900
1500
F
A
Thermocouple Input Bias Current
TA = -40NC to +125NC, 100mV across the
thermocouple inputs
-100
+100
nA
Power-Supply Rejection
-0.3
N
C/V
Power-On Reset Voltage
Threshold
VPOR
(Note 3)
2
2.5
V
Power-On Reset Voltage
Hysteresis
0.2
V
Output High Voltage
VOH
IOUT = -1.6mA
VCC -
0.4
V
Output Low Voltage
VOL
IOUT = 1.6mA
0.4
V


Similar Part No. - MAX31855KASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31855KASA++ MAXIM-MAX31855KASA+ Datasheet
568Kb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
19-5793; Rev 5; 1/15
MAX31855KASA+T MAXIM-MAX31855KASA+T Datasheet
568Kb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
19-5793; Rev 5; 1/15
More results

Similar Description - MAX31855KASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31855 MAXIM-MAX31855 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 0; 3/11
MAX31855_1111 MAXIM-MAX31855_1111 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 1; 11/11
MAX31855 MAXIM-MAX31855_V01 Datasheet
568Kb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
19-5793; Rev 5; 1/15
MAX6674 MAXIM-MAX6674 Datasheet
131Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 128째C)
Rev 1; 8/02
MAX6675 MAXIM-MAX6675_V01 Datasheet
556Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 1024째C)
19-2235; Rev 3; 6/21
MAX6674 MAXIM-MAX6674_V01 Datasheet
559Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 128째C)
19-2241; Rev 2; 4/14
MAX31850 MAXIM-MAX31850 Datasheet
1Mb / 25P
   Cold-Junction Compensated, 1-Wire Thermocouple-to-Digital Converters
Rev 0; 6/13
MAX6675ISA MAXIM-MAX6675ISA Datasheet
411Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-digital converter (0°C to 1024°C)
Rev 1; 3/02
MAX6675 MAXIM-MAX6675 Datasheet
130Kb / 8P
   Cold-Junction-Compensated K-Thermocoupleto-Digital Converter (0째C to 1024째C)
Rev 1; 3/02
logo
Linear Technology
LT1025 LINER-LT1025_15 Datasheet
203Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com