Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17049X+T10 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17049X+T10
Description  Micropower 1-Cell/2-Cell Li ModelGauge ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17049X+T10 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17049X+T10 Datasheet HTML 1Page - Maxim Integrated Products MAX17049X+T10 Datasheet HTML 2Page - Maxim Integrated Products MAX17049X+T10 Datasheet HTML 3Page - Maxim Integrated Products MAX17049X+T10 Datasheet HTML 4Page - Maxim Integrated Products MAX17049X+T10 Datasheet HTML 5Page - Maxim Integrated Products MAX17049X+T10 Datasheet HTML 6Page - Maxim Integrated Products MAX17049X+T10 Datasheet HTML 7Page - Maxim Integrated Products MAX17049X+T10 Datasheet HTML 8Page - Maxim Integrated Products MAX17049X+T10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
����������������������������������������������������������������� Maxim Integrated Products 3
MAX17048/MAX17049
Micropower 1-Cell/2-Cell Li+ ModelGauge ICs
Note 1: Specifications are 100% tested at TA = +25NC. Limits over the operating range are guaranteed by design and
characterization.
Note 2: All voltages are referenced to GND.
Note 3: Test is performed on unmounted/unsoldered parts.
Note 4: The voltage is trimmed and verified with 16x averaging.
Note 5: This current is always present.
Note 6: The IC enters shutdown mode after SCL < VIL and SDA < VIL for longer than 2.5s.
Note 7: Timing must be fast enough to prevent the IC from entering sleep mode due to bus low for period >tSLEEP.
Note 8: fSCL must meet the minimum clock low time plus the rise/fall times.
Note 9: The maximum tHD:DAT has to be met only if the device does not stretch the low period (tLOW) of the SCL signal.
Note 10: This device internally provides a hold time of at least 100ns for the SDA signal (referred to the VIH,MIN of the SCL signal)
to bridge the undefined region of the falling edge of SCL.
Note 11: Filters on SDA and SCL suppress noise spikes at the input buffers and delay the sampling instance.
Note 12: CB is total capacitance of one bus line in pF.
ELECTRICAL CHARACTERISTICS (I2C INTERFACE)
(2.5V < VBATT < 4.5V, TA = -20NC to +70NC, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 7)
0
400
kHz
Bus Free Time Between a
STOP and START Condition
tBUF
1.3
F
s
START Condition (Repeated)
Hold Time
tHD:STA
(Note 8)
0.6
F
s
Low Period of SCL Clock
tLOW
1.3
F
s
High Period of SCL Clock
tHIGH
0.6
F
s
Setup Time for a Repeated
START Condition
tSU:STA
0.6
F
s
Data Hold Time
tHD:DAT
(Notes 9, 10)
0
0.9
F
s
Data Setup Time
tSU:DAT
(Note 9)
100
ns
Rise Time of Both SDA and
SCL Signals
tR
20 + 0.1CB
300
ns
Fall Time of Both SDA and SCL
Signals
tF
20 + 0.1CB
300
ns
Setup Time for STOP Condition
tSU:STO
0.6
F
s
Spike Pulse Widths
Suppressed by Input Filter
tSP
(Note 11)
0
50
ns
Capacitive Load for Each Bus
Line
CB
(Note 12)
400
pF
SCL, SDA Input Capacitance
CB,IN
60
pF


Similar Part No. - MAX17049X+T10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17049X+T10 MAXIM-MAX17049X+T10 Datasheet
1Mb / 19P
   3關A 1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
More results

Similar Description - MAX17049X+T10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17058 MAXIM-MAX17058_13 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 4; 6/13
MAX17058 MAXIM-MAX17058 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
MAX17040 MAXIM-MAX17040_V01 Datasheet
984Kb / 13P
   1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
MAX17048 MAXIM-MAX17048_V01 Datasheet
1Mb / 19P
   3關A 1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
MAX17047 MAXIM-MAX17047_V01 Datasheet
1Mb / 47P
   1-Cell Fuel Gauge with ModelGauge m3
2016
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com