Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1797 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SA1797
Description  POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1797 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SA1797_12 Datasheet HTML 1Page - Unisonic Technologies 2SA1797_12 Datasheet HTML 2Page - Unisonic Technologies 2SA1797_12 Datasheet HTML 3Page - Unisonic Technologies 2SA1797_12 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1797
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R208-029,F
TYPICAL CHARACTERISTICS
0 -0.2 -0.4 -0.6
-1m
Grounded Emitter Propagation
Characteristics
Base to Emitter Voltage, VBE (V)
-0.8 -1.0
02
6
Grounded Emitter Output
Characteristics
Collector to Emitter Voltage, VCE (V)
810
13 4 5
7
9
0
200m
400m
600m
800m
1
1.2
1.4
1.6
1.8
2.0
TA=25°С
IB=10mA
9mA
8mA
7mA
6mA
5mA
4mA
3mA
2mA
1mA
-1.2 -1.4
-2m
-5m
-0.01
-0.02
-0.05
-0.1
-0.2
-0.5
-1
-2
-5
-10
VCE=2V


Similar Part No. - 2SA1797_12

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1797T100P ROHM-2SA1797T100P Datasheet
171Kb / 3P
   Power Transistor -50V, -3A
2SA1797T100Q ROHM-2SA1797T100Q Datasheet
171Kb / 3P
   Power Transistor (??0V, ??A)
2SA1797 ROHM-2SA1797_1 Datasheet
97Kb / 3P
   Power Transistor (−50V, −3A)
logo
Unisonic Technologies
2SA1797 UTC-2SA1797_10 Datasheet
169Kb / 4P
   POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797_15 Datasheet
1Mb / 2P
   PNP Transistors
More results

Similar Description - 2SA1797_12

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
   Power Transistor
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
   Power transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
   Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
   Power Transistor
logo
New Jersey Semi-Conduct...
2N174 NJSEMI-2N174 Datasheet
157Kb / 1P
   POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com