Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1740 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SA1740
Description  HIGH VOLTAGE DRIVER APPLICATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1740 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SA1740 Datasheet HTML 1Page - Unisonic Technologies 2SA1740 Datasheet HTML 2Page - Unisonic Technologies 2SA1740 Datasheet HTML 3Page - Unisonic Technologies 2SA1740 Datasheet HTML 4Page - Unisonic Technologies 2SA1740 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA1740
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R208-026,C
ABSOLUTE MAXIMUM RATINGS ( T
A=25℃, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-400
V
Collector-Emitter Voltage
VCEO
-400
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-200
mA
Collector Current (PULSE)
ICP
-400
mA
Collector Power Dissipation
PC
0.5
W
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-55 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collect-Base Breakdown Voltage
BVCBO
IC= -10μA,IE=0
-400
V
Collect-Emitter Breakdown Voltage
BVCEO
IC= -1mA,IB=0, RBE=∞
-400
V
Emitter-Base Breakdown Voltage
BVEBO
IE= -10μA,IC=0
-5
V
Collector Cutoff Current
ICBO
VCB= -300V,IE=0
-0.1
μA
Emitter Cutoff Current
IEBO
VEB= -4V,IC=0
-0.1
μA
DC Current Gain
hFE
VCE= -10V, Ic= -50mA
60
200
Collect-Emitter Saturation Voltage
VCE(SAT)
IC= -50mA,IB= -5mA
-0.8
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC= -50mA,IB= -5mA
-1.0
V
Output Capacitance
COB
VCB=-30V, f=1MHz
5
pF
Reverse Transfer Capacitance
CRE
VCB =-30V,f=1MHz
4
pF
Gain-Bandwidth Product
fT
VCE= -30V,IC= -10mA
70
MHz
Turn-On Time
tON
See test circuit
0.25
μs
Turn-Off Time
tOFF
See test circuit
5.0
μs
CLASSIFICATION OF hFE
RANK
D
E
RANGE
60-120
100-200


Similar Part No. - 2SA1740

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1740 SANYO-2SA1740 Datasheet
102Kb / 3P
   High-Voltage Driver Applications
logo
Nanjing International G...
2SA1740 DGNJDZ-2SA1740 Datasheet
693Kb / 4P
   PNP Epitaxial Planar Silicon Transistor
logo
Unisonic Technologies
2SA1740 UTC-2SA1740 Datasheet
188Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
logo
TRANSYS Electronics Lim...
2SA1740 TEL-2SA1740 Datasheet
64Kb / 1P
   Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SA1740 KEXIN-2SA1740 Datasheet
364Kb / 3P
   High-Voltage Driver Applications
More results

Similar Description - 2SA1740

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1700 UTC-2SA1700_12 Datasheet
162Kb / 3P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740_15 Datasheet
185Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
2SC4548 UTC-2SC4548 Datasheet
187Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1700 UTC-2SA1700_2 Datasheet
193Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SC4548 UTC-2SC4548_12 Datasheet
210Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
logo
SHIKUES Electronics
2SA1740 SKTECHNOLGY-2SA1740 Datasheet
2Mb / 3P
   High voltage driver application
logo
Unisonic Technologies
2SA1740 UTC-2SA1740_09 Datasheet
160Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1700 UTC-2SA1700 Datasheet
189Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740 Datasheet
188Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SC4548 UTC-2SC4548_15 Datasheet
236Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com