Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5401L-X-T92-K Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N5401L-X-T92-K
Description  HIGH VOLTAGE SWITCHING TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N5401L-X-T92-K Datasheet(HTML) 2 Page - Unisonic Technologies

  2N5401L-X-T92-K Datasheet HTML 1Page - Unisonic Technologies 2N5401L-X-T92-K Datasheet HTML 2Page - Unisonic Technologies 2N5401L-X-T92-K Datasheet HTML 3Page - Unisonic Technologies 2N5401L-X-T92-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N5401
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R201-001,E
ABSOLUTE MAXIMUM RATING (Ta=25°C , unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-160
V
Collector-Emitter Voltage
VCEO
-150
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-600
mA
Collector Dissipation
TO-92
PC
625
mW
SOT-89
500
mW
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-55 ~ +150
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC = -100μA, IE = 0
-160
V
Collector-Emitter Breakdown Voltage
BVCEO
IC = -1mA, IB = 0
-150
V
Emitter-Base Breakdown Voltage
BVEBO
IE = -10μA, IC = 0
-5
V
Collector Cut-off Current
ICBO
VCB = -120V, IE = 0
-50
nA
Emitter Cut-off Current
IEBO
VEB = -3V, IC = 0
-50
nA
DC Current Gain (Note)
hFE1
hFE2
hFE3
VCE = -5V, IC = -1mA
VCE = -5V, IC = -10mA
VCE = -5V, IC = -50mA
80
80
80
400
Collector-Emitter Saturation Voltage
VCE(SAT)
IC = -10mA, IB = -1mA
IC = -50mA, IB = -5mA
-0.2
-0.5
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC = -10mA, IB = -1mA
IC = -50mA, IB = -5mA
-1
-1
V
Current Gain Bandwidth Product
fT
VCE = -10V, IC = -10mA
f = 100MHz
100
400
MHz
Output Capacitance
COB
VCB = -10V, IE = 0, f = 1MHz
6.0
pF
Noise Figure
NF
IC = -0.25mA, VCE = -5V
RS = 1kΩ, f = 10Hz ~ 15.7kHz
8
dB
Note: Pulse test: PW<300μs, Duty Cycle<2%
CLASSIFICATION OF hFE
RANK
A
B
C
RANGE
80-170
150-240
200-400


Similar Part No. - 2N5401L-X-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N5401L-X-T92-K UTC-2N5401L-X-T92-K Datasheet
52Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
2N5401L-X-T92-K UTC-2N5401L-X-T92-K Datasheet
256Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
More results

Similar Description - 2N5401L-X-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PZT5401 UTC-PZT5401 Datasheet
52Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5401 UTC-MMDT5401 Datasheet
110Kb / 3P
   HIGH VOLTAGE SWITCHING TRANSISTOR
MMBT5401 UTC-MMBT5401_15 Datasheet
116Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
2N5551 UTC-2N5551 Datasheet
53Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5551 UTC-MMDT5551 Datasheet
110Kb / 3P
   HIGH VOLTAGE SWITCHING TRANSISTOR
2N5551 UTC-2N5551_10 Datasheet
175Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1759 KEXIN-2SA1759 Datasheet
52Kb / 2P
   High-Voltage Switching Transistor
logo
ARTSCHIP ELECTRONICS CO...
MMBT5551 ARTSCHIP-MMBT5551 Datasheet
1Mb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Unisonic Technologies
PZT5401 UTC-PZT5401_15 Datasheet
103Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5551 UTC-PZT5551_15 Datasheet
199Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5401 UTC-MMDT5401_15 Datasheet
106Kb / 3P
   HIGH VOLTAGE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com