Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N60L-TM3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N60L-TM3-T
Description  2A, 600V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60L-TM3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  2N60L-TM3-T Datasheet HTML 1Page - Unisonic Technologies 2N60L-TM3-T Datasheet HTML 2Page - Unisonic Technologies 2N60L-TM3-T Datasheet HTML 3Page - Unisonic Technologies 2N60L-TM3-T Datasheet HTML 4Page - Unisonic Technologies 2N60L-TM3-T Datasheet HTML 5Page - Unisonic Technologies 2N60L-TM3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-053.P
ABSOLUTE MAXIMUM RATINGS (TC = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
2.0
A
Drain Current
Continuous
ID
2.0
A
Pulsed (Note 2)
IDM
8.0
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
140
mJ
Repetitive (Note 2)
EAR
4.5
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
TO-220/ TO-262
PD
(
TC = 25°С)
54
W
TO-220F/TO-220F1
23
W
TO-251/TO-251L/TO-252
44
W
TO-126
40
W
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-55 ~ +150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ
3. L=64mH, IAS=2.0A, VDD=50V, RG=25 Ω, Starting TJ = 25°C
4. ISD≤2.4A, di/dt≤200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
PACKAGE
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/ TO-262
θJA
62.5
°С/W
TO-220F/TO-220F1
62.5
°С/W
TO-251/TO-251L/TO-252
100
°С/W
TO-126
89
°С/W
Junction to Case
TO-220/ TO-262
θJc
2.32
°С/W
TO-220F/TO-220F1
5.5
°С/W
TO-251/TO-251L/TO-252
2.87
°С/W
TO-126
3.12
°С/W


Similar Part No. - 2N60L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60L-TM3-T UTC-2N60L-TM3-T Datasheet
142Kb / 8P
   2 Amps, 600 Volts N-CHANNEL MOSFET
2N60L-TM3-T UTC-2N60L-TM3-T Datasheet
280Kb / 7P
   2A, 600V N-CHANNEL POWER MOSFET
2N60L-TM3-T UTC-2N60L-TM3-T Datasheet
294Kb / 7P
   N-CHANNEL ENHANCEMENT MODE
2N60L-TM3-T UTC-2N60L-TM3-T Datasheet
274Kb / 7P
   N-CHANNEL POWER MOSFET
2N60L-TM3-T UTC-2N60L-TM3-T Datasheet
304Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 2N60L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2N60 AMS-AMS2N60 Datasheet
325Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
2N60 UTC-2N60_14 Datasheet
280Kb / 7P
   2A, 600V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF2N60 FCI-IRF2N60 Datasheet
101Kb / 3P
   2A 600V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
2N60ZL UTC-2N60ZL Datasheet
219Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
2N60Z UTC-2N60Z Datasheet
239Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
2N60K UTC-2N60K Datasheet
226Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_11 Datasheet
190Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT2N60 AOSMD-AOT2N60_10 Datasheet
165Kb / 6P
   600V,2A N-Channel MOSFET
AOD2N60A AOSMD-AOD2N60A Datasheet
2Mb / 6P
   600V,2A N-Channel MOSFET
AOD2N60 AOSMD-AOD2N60 Datasheet
148Kb / 6P
   2A, 600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com