Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N50G-TF3-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2N50G-TF3-T
Description  2A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N50G-TF3-T Datasheet(HTML) 4 Page - Unisonic Technologies

  2N50G-TF3-T Datasheet HTML 1Page - Unisonic Technologies 2N50G-TF3-T Datasheet HTML 2Page - Unisonic Technologies 2N50G-TF3-T Datasheet HTML 3Page - Unisonic Technologies 2N50G-TF3-T Datasheet HTML 4Page - Unisonic Technologies 2N50G-TF3-T Datasheet HTML 5Page - Unisonic Technologies 2N50G-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-547.b
TEST CIRCUITS AND WAVEFORMS
50kΩ
300nF
DUT
VDS
10V
12V
Charge
QGS
QGD
QG
VGS
VGS
200nF
Same Type
as DUT
3mA
Gate Charge Test Circuit
Gate Charge Waveforms
Resistive Switching Test Circuit
Resistive Switching Waveforms
10V
tP
RG
DUT
L
VDS
ID
VDD
tP
VDD
IAS
BVDSS
ID(t)
VDS(t)
Time
EAS= 2
1 LI
AS
2
BVDSS
BVDSS-VDD
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms


Similar Part No. - 2N50G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N50G-TF3-T UTC-2N50G-TF3-T Datasheet
173Kb / 6P
   2 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 2N50G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
JANSR2N7398 INTERSIL-JANSR2N7398 Datasheet
45Kb / 8P
   2A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFET
logo
Rohm
RDD022N50 ROHM-RDD022N50 Datasheet
815Kb / 15P
   Nch 500V 2A Power MOSFET
RDD023N50 ROHM-RDD023N50 Datasheet
837Kb / 15P
   Nch 500V 2A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com