Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N80 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 1N80
Description  1A, 800V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N80 Datasheet(HTML) 4 Page - Unisonic Technologies

  1N80 Datasheet HTML 1Page - Unisonic Technologies 1N80 Datasheet HTML 2Page - Unisonic Technologies 1N80 Datasheet HTML 3Page - Unisonic Technologies 1N80 Datasheet HTML 4Page - Unisonic Technologies 1N80 Datasheet HTML 5Page - Unisonic Technologies 1N80 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1N80
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-491.b
TEST CIRCUITS AND WAVEFORMS
VDS
+
-
DUT
RG
dv/dt controlled by RG
ISD controlled by pulse period
VDD
Peak Diode Recovery dv/dt Test Circuit & Waveforms
Same Type
as DUT
ISD
VGS
L
VGS
(Driver
)
ISD
(DUT)
VDS
(DUT)
D=
Gate Pulse Width
Gate Pulse Period
10V
di/dt
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
VDD
VSD
Body Diode Forward
Voltage Drop
IFM, Body Diode Forward Current
Driver


Similar Part No. - 1N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N80 UTC-1N80 Datasheet
163Kb / 6P
   1.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
Solid States Devices, I...
1N8018 SSDI-1N8018 Datasheet
187Kb / 2P
   HYPER FAST SOFT RECOVERY RECTIFIER
1N8018SMSS SSDI-1N8018SMSS Datasheet
187Kb / 2P
   HYPER FAST SOFT RECOVERY RECTIFIER
1N8018SMSTX SSDI-1N8018SMSTX Datasheet
187Kb / 2P
   HYPER FAST SOFT RECOVERY RECTIFIER
1N8018SMSTXV SSDI-1N8018SMSTXV Datasheet
187Kb / 2P
   HYPER FAST SOFT RECOVERY RECTIFIER
More results

Similar Description - 1N80

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC731N80D E-CMOS-EC731N80D Datasheet
243Kb / 5P
   800V, 1A N-Channel MOSFET
logo
STMicroelectronics
STD1NB80- STMICROELECTRONICS-STD1NB80- Datasheet
56Kb / 5P
   N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET
logo
Rohm
R8002CND ROHM-R8002CND Datasheet
2Mb / 14P
   Nch 800V 1A Power MOSFET
R8001CND3FRA ROHM-R8001CND3FRA Datasheet
2Mb / 14P
   Nch 800V 1A Power MOSFET
logo
STMicroelectronics
STD1NB80-1 STMICROELECTRONICS-STD1NB80-1 Datasheet
56Kb / 5P
   N - CHANNEL 800V - 16W - 1A - IPAK PowerMESH횚 MOSFET
September 1998
logo
Rohm
R8001CND ROHM-R8001CND Datasheet
2Mb / 14P
   Nch 800V 1A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
   800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
   800V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com