Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N80 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 1N80
Description  1A, 800V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N80 Datasheet(HTML) 2 Page - Unisonic Technologies

  1N80 Datasheet HTML 1Page - Unisonic Technologies 1N80 Datasheet HTML 2Page - Unisonic Technologies 1N80 Datasheet HTML 3Page - Unisonic Technologies 1N80 Datasheet HTML 4Page - Unisonic Technologies 1N80 Datasheet HTML 5Page - Unisonic Technologies 1N80 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N80
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-491.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
800
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 1)
IAR
1.0
A
Continuous
ID
1.0
A
Drain Current
Pulsed (Note 1)
IDM
4.0
A
Single Pulsed (Note 2)
EAS
90
mJ
Avalanche Energy
Repetitive (Note 1)
EAR
4.5
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.0
V/ns
TO-220
39
Power Dissipation
TO-220F/TO-220F1
PD
23
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L=170mH, IAS=1.0A, VDD= 50V, RG=25Ω, Starting TJ=25°C
3. ISD ≤1.0A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ=25°C
4. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
TO-220
3.13
Junction to Case
TO-220F/TO-220F1
θJC
5.35
°C/W


Similar Part No. - 1N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N80 UTC-1N80 Datasheet
163Kb / 6P
   1.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
Solid States Devices, I...
1N8018 SSDI-1N8018 Datasheet
187Kb / 2P
   HYPER FAST SOFT RECOVERY RECTIFIER
1N8018SMSS SSDI-1N8018SMSS Datasheet
187Kb / 2P
   HYPER FAST SOFT RECOVERY RECTIFIER
1N8018SMSTX SSDI-1N8018SMSTX Datasheet
187Kb / 2P
   HYPER FAST SOFT RECOVERY RECTIFIER
1N8018SMSTXV SSDI-1N8018SMSTXV Datasheet
187Kb / 2P
   HYPER FAST SOFT RECOVERY RECTIFIER
More results

Similar Description - 1N80

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC731N80D E-CMOS-EC731N80D Datasheet
243Kb / 5P
   800V, 1A N-Channel MOSFET
logo
STMicroelectronics
STD1NB80- STMICROELECTRONICS-STD1NB80- Datasheet
56Kb / 5P
   N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET
logo
Rohm
R8002CND ROHM-R8002CND Datasheet
2Mb / 14P
   Nch 800V 1A Power MOSFET
R8001CND3FRA ROHM-R8001CND3FRA Datasheet
2Mb / 14P
   Nch 800V 1A Power MOSFET
logo
STMicroelectronics
STD1NB80-1 STMICROELECTRONICS-STD1NB80-1 Datasheet
56Kb / 5P
   N - CHANNEL 800V - 16W - 1A - IPAK PowerMESH횚 MOSFET
September 1998
logo
Rohm
R8001CND ROHM-R8001CND Datasheet
2Mb / 14P
   Nch 800V 1A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
   800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
   800V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com