Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL4118 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # IL4118
Description  ZERO VOLTAGE CROSSING TRIAC DRIVER OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL4118 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  IL4118 Datasheet HTML 1Page - Siemens Semiconductor Group IL4118 Datasheet HTML 2Page - Siemens Semiconductor Group IL4118 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5–3
IL4116/4117/4118
Figure 3. Peak LED current vs. duty factor, Tau
Figure 4. Maximum LED power dissipation
Figure 5. On-state terminal voltage vs. terminal current
Figure 6. Maximum output power dissipation
Power Factor Considerations
A snubber isn’t needed to eliminate false operation of the
TRIAC driver because of the IL411’s high static and commutat-
ing dv/dt with loads between 1 and 0.8 power factors. When
inductive loads with power factors less than 0.8 are being
driven, include a RC snubber or a single capacitor directly
across the device to damp the peak commutating dv/dt spike.
Normally a commutating dv/dt causes a turning-off device to
stay on due to the stored energy remaining in the turning-off
device.
But in the case of a zero voltage crossing optotriac, the com-
mutating dv/dt spikes can inhibit one half of the TRIAC from
turning on. If the spike potential exceeds the inhibit voltage of
the zero cross detection circuit, half of the TRIAC will be held-
off and not turn-on. This hold-off condition can be eliminated by
using a snubber or capacitor placed directly across the optot-
riac as shown in Figure 7. Note that the value of the capacitor
increases as a function of the load current.
The hold-off condition also can be eliminated by providing a
higher level of LED drive current. The higher LED drive pro-
vides a larger photocurrent which causer. the phototransistor to
turn-on before the commutating spike has activated the zero
cross network. Figure 8 shows the relationship of the LED drive
for power factors of less than 1.0. The curve shows that if a
device requires 1.5 mA for a resistive load, then 1.8 times (2.7
mA) that amount would be required to control an inductive load
whose power factor is less than 0.3.
Figure 7. Shunt capacitance versus load current
versus power factor
Figure 8. Normalized LED trigger current


Similar Part No. - IL4118

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL4118 VISHAY-IL4118 Datasheet
128Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current
Rev. 1.6, 09-Jan-08
IL4118 VISHAY-IL4118 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
IL4118-X006 VISHAY-IL4118-X006 Datasheet
128Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current
Rev. 1.6, 09-Jan-08
IL4118-X006 VISHAY-IL4118-X006 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
IL4118-X007 VISHAY-IL4118-X007 Datasheet
128Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current
Rev. 1.6, 09-Jan-08
More results

Similar Description - IL4118

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL410 SIEMENS-IL410 Datasheet
107Kb / 6P
   ZERO VOLTAGE CROSSING 600 V TRIAC DRIVER OPTOCOUPLER
IL4108 SIEMENS-IL4108 Datasheet
29Kb / 2P
   ZERO VOLTAGE CROSSING 800 V TRIAC DRIVER OPTOCOUPLER
logo
List of Unclassifed Man...
Q303X ETC1-Q303X Datasheet
1Mb / 17P
   ZERO-CROSSING TRIAC OPTOCOUPLER
Q303X ETC2-Q303X Datasheet
1Mb / 15P
   ZERO-CROSSING TRIAC OPTOCOUPLER
logo
Guangdong Youtai Semico...
MOC3082M UMW-MOC3082M Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3043SM UMW-MOC3043SM Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3043M UMW-MOC3043M Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3081M UMW-MOC3081M Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3042M UMW-MOC3042M Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3061M UMW-MOC3061M Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com