Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N60AL-T92-K Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 1N60AL-T92-K
Description  0.5A, 600V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60AL-T92-K Datasheet(HTML) 6 Page - Unisonic Technologies

  1N60AL-T92-K Datasheet HTML 1Page - Unisonic Technologies 1N60AL-T92-K Datasheet HTML 2Page - Unisonic Technologies 1N60AL-T92-K Datasheet HTML 3Page - Unisonic Technologies 1N60AL-T92-K Datasheet HTML 4Page - Unisonic Technologies 1N60AL-T92-K Datasheet HTML 5Page - Unisonic Technologies 1N60AL-T92-K Datasheet HTML 6Page - Unisonic Technologies 1N60AL-T92-K Datasheet HTML 7Page - Unisonic Technologies 1N60AL-T92-K Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1N60A
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-091,F
TYPICAL CHARACTERISTICS
100
101
100
Drain-Source Voltage, VDS (V)
Output Characteristics
250μs Pulse Test
TC=25°C
10-1
VGS
Top: 15.0V
10.0V
8.0V
7.0V
6.0V
5.5V
5V
Bottorm:4.5V
100
10-1
2
Gate-Source Voltage, VGS (V)
Transfer Characteristics
46
8
10
VDS=50V
250μs Pulse Test
4.5V
0
0.0
Drain Current, ID (A)
0.5
1.0
2.5
VGS=10V
TJ=25°C
VGS=20V
1.5
2.0
5
10
15
25
30
On-Resistance vs. Drain Current
20
100
10-1
0.2
Source-Drain Voltage, VSD (V)
Source- Drain Diode Forward Voltage
1.6
0.4
0.6
0.8
1.0
1.2
1.4
VGS=0V
250μs Pulse Test
200
0
10-1
Drain-SourceVoltage, VDS (V)
Capacitance vs. Drain-Source Voltage
150
50
100
100
101
VGS=0V
f = 1MHz
CISS=CGS+CGD
(CDS=shorted)
COSS=CDS+CGD
CRSS=CGD
CRSS
CISS
COSS
0
Total Gate Charge, QG (nC)
2
4
10
ID=1.0A
6
8
8
10
12
Gate Charge vs. Gate-Source Voltage
6
4
2
0
VDS=480V
VDS=300V
VDS=120V


Similar Part No. - 1N60AL-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60AL-T92-B UTC-1N60AL-T92-B Datasheet
240Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 1N60AL-T92-K

ManufacturerPart #DatasheetDescription
logo
Rohm
R6000ENH ROHM-R6000ENH Datasheet
2Mb / 14P
   Nch 600V 0.5A Power MOSFET
logo
Unisonic Technologies
1N65A UTC-1N65A Datasheet
202Kb / 8P
   0.5A, 650V N-CHANNEL POWER MOSFET
logo
Torex Semiconductor
XP233N05013R-G TOREX-XP233N05013R-G Datasheet
398Kb / 6P
   N-channel MOSFET 30V, 0.5A
XP233N0501TR-G TOREX-XP233N0501TR-G Datasheet
259Kb / 6P
   N-channel MOSFET 30V, 0.5A
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com