Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N60A Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 1N60A
Description  0.5A, 600V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60A Datasheet(HTML) 7 Page - Unisonic Technologies

  1N60A Datasheet HTML 1Page - Unisonic Technologies 1N60A Datasheet HTML 2Page - Unisonic Technologies 1N60A Datasheet HTML 3Page - Unisonic Technologies 1N60A Datasheet HTML 4Page - Unisonic Technologies 1N60A Datasheet HTML 5Page - Unisonic Technologies 1N60A Datasheet HTML 6Page - Unisonic Technologies 1N60A Datasheet HTML 7Page - Unisonic Technologies 1N60A Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1N60A
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-091,F
TYPICAL CHARACTERISTICS (Cont.)
-100
Junction Temperature, TJ (°C)
-50
50
200
VGS=0V
ID=250μA
100
150
1.2
Breakdown Voltage vs. Temperature
0
1.1
1.0
0.9
0.8
-100
Junction Temperature, TJ (°C)
-50
50
200
VGS=10V
ID=0.5A
100
150
3.0
On-Resistance vs. Temperature
0
2.0
1.0
0.5
0.0
1.5
2.5
101
10-1
10-2
Drain-Source Voltage, VDS (V)
Max. Safe Operating Area
102
1ms
101
100
100μs
10ms
100
103
Operation in This
Area is Limited by
RDS(on)
Tc=25°C
TJ=150°C
Single Pulse
Case Temperature, TC (°C)
75
100
150
1.0
Max. Drain Current vs. Case Temperature
0.0
125
50
25
0.5
Square Wave Pulse Duration, t1 (sec)
Thermal Response
100
10-5
100
10-1
10-4
10-3
10-2
10-1
101
0.5
0.0
5
0.0
2
Single pulse
0.0
1
0.1
0.2
θJC (t) = 3.45°C/W Max.
Duty Factor, D=t1/t2
TJM-TC=PDM×θJC (t)


Similar Part No. - 1N60A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N60A MICROSEMI-1N60A Datasheet
57Kb / 1P
   Optimized for Radio Frequency Response
logo
List of Unclassifed Man...
1N60A ETC-1N60A Datasheet
2Mb / 78P
   GOLD BONDED DIODES
logo
Unisonic Technologies
1N60A UTC-1N60A Datasheet
139Kb / 8P
   0.5 Amps, 600 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A Datasheet
224Kb / 8P
   0.5 Amps, 600/650 Volts N-CHANNEL MOSFET
logo
Inchange Semiconductor ...
1N60A ISC-1N60A Datasheet
67Kb / 2P
   Drain Current ID= 1.0A@ TC=25C
More results

Similar Description - 1N60A

ManufacturerPart #DatasheetDescription
logo
Rohm
R6000ENH ROHM-R6000ENH Datasheet
2Mb / 14P
   Nch 600V 0.5A Power MOSFET
logo
Unisonic Technologies
1N65A UTC-1N65A Datasheet
202Kb / 8P
   0.5A, 650V N-CHANNEL POWER MOSFET
logo
Torex Semiconductor
XP233N05013R-G TOREX-XP233N05013R-G Datasheet
398Kb / 6P
   N-channel MOSFET 30V, 0.5A
XP233N0501TR-G TOREX-XP233N0501TR-G Datasheet
259Kb / 6P
   N-channel MOSFET 30V, 0.5A
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com