Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13084EAPA+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX13084EAPA+
Description  5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13084EAPA+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX13084EAPA+ Datasheet HTML 1Page - Maxim Integrated Products MAX13084EAPA+ Datasheet HTML 2Page - Maxim Integrated Products MAX13084EAPA+ Datasheet HTML 3Page - Maxim Integrated Products MAX13084EAPA+ Datasheet HTML 4Page - Maxim Integrated Products MAX13084EAPA+ Datasheet HTML 5Page - Maxim Integrated Products MAX13084EAPA+ Datasheet HTML 6Page - Maxim Integrated Products MAX13084EAPA+ Datasheet HTML 7Page - Maxim Integrated Products MAX13084EAPA+ Datasheet HTML 8Page - Maxim Integrated Products MAX13084EAPA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX13080E–MAX13089E +5.0V, ±15kV ESD-protect-
ed, RS-485/RS-422 transceivers feature one driver and
one receiver. These devices include fail-safe circuitry,
guaranteeing a logic-high receiver output when receiver
inputs are open or shorted. The receiver outputs a logic-
high if all transmitters on a terminated bus are disabled
(high impedance). The MAX13080E family include a hot-
swap capability to eliminate false transitions on the bus
during power-up or hot insertion.
The MAX13080E/MAX13081E/MAX13082E feature
reduced slew-rate drivers that minimize EMI and
reduce reflections caused by improperly terminated
cables, allowing error-free data transmission up to
250kbps. The MAX13083E/MAX13084E also feature
slew-rate-limited drivers but allow transmit speeds up to
500kbps. The MAX13086E/MAX13087E/ MAX13088E
driver slew rates are not limited, making transmit
speeds up to 16Mbps possible. The MAX13089E slew
rate is pin selectable for 250kbps, 500kbps, and
16Mbps.
The MAX13082E/MAX13088E are intended for half-
duplex communications, and the MAX13080E/
MAX13081E/MAX13083E/MAX13084E/MAX13086E/
MAX13087E are intended for full-duplex communica-
tions. The MAX13089E is selectable for half-duplex or
full-duplex operation. It also features independently
programmable receiver and transmitter output phase
through separate pins.
The MAX13080E family transceivers draw 1.2mA of
supply current when unloaded or when fully loaded with
the drivers disabled. All devices have a 1/8-unit load
receiver input impedance, allowing up to 256 trans-
ceivers on the bus.
The MAX13080E/MAX13083E/MAX13086E/MAX13089E
are available in 14-pin PDIP and 14-pin SO packages. The
MAX13081E/MAX13082E/MAX13084E/MAX13087E/
MAX13088E are available in 8-pin PDIP and 8-pin SO
packages. The devices operate over the commercial,
extended, and automotive temperature ranges.
Applications
Utility Meters
Lighting Systems
Industrial Control
Telecom
Security Systems
Instrumentation
Profibus
Features
o +5.0V Operation
o Extended ESD Protection for RS-485/RS-422 I/O Pins
±15kV Human Body Model
o True Fail-Safe Receiver While Maintaining
EIA/TIA-485 Compatibility
o Hot-Swap Input Structures on DE and RE
o Enhanced Slew-Rate Limiting Facilitates Error-
Free Data Transmission
(MAX13080E–MAX13084E/MAX13089E)
o Low-Current Shutdown Mode (Except
MAX13081E/MAX13084E/MAX13087E)
o Pin-Selectable Full-/Half-Duplex Operation
(MAX13089E)
o Phase Controls to Correct for Twisted-Pair
Reversal (MAX13089E)
o Allow Up to 256 Transceivers on the Bus
o Available in Industry-Standard 8-Pin SO Package
+5.0V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-3590; Rev 2; 11/11
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX13080ECPD+
0
°C to +70°C
14 PDIP
MAX13080ECSD+
0
°C to +70°C
14 SO
MAX13080EEPD+
-40
°C to +85°C
14 PDIP
MAX13080EESD+
-40
°C to +85°C
14 SO
MAX13080EAPD+
-40
°C to +125°C
14 PDIP
MAX13080EASD+
-40
°C to +125°C
14 SO
Selector Guide, Pin Configurations, and Typical Operating
Circuits appear at end of data sheet.
Ordering Information continued at end of data sheet.
+
Denotes a lead(Pb)-free/RoHS-compliant package.


Similar Part No. - MAX13084EAPA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13084E MAXIM-MAX13084E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
More results

Similar Description - MAX13084EAPA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085EASA MAXIM-MAX13085EASA Datasheet
993Kb / 24P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13085EEPA MAXIM-MAX13085EEPA Datasheet
2Mb / 14P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX14780E_1110 MAXIM-MAX14780E_1110 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
MAX14780E MAXIM-MAX14780E Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 12/10
MAX14780E MAXIM-MAX14780E_15 Datasheet
1Mb / 14P
   5.0V, ±30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 3; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com