Electronic Components Datasheet Search |
|
MAX13081EEPA+ Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX13081EEPA+ Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 24 page +5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS DC ELECTRICAL CHARACTERISTICS (VCC = +5.0V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5.0V and TA = +25°C.) (Note 1) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. (All Voltages Referenced to GND) Supply Voltage (VCC).............................................................+6V Control Input Voltage ( RE, DE, SLR, H/ F, TXP, RXP)......................................................-0.3V to +6V Driver Input Voltage (DI)...........................................-0.3V to +6V Driver Output Voltage (Z, Y, A, B) .............................-8V to +13V Receiver Input Voltage (A, B)....................................-8V to +13V Receiver Input Voltage Full Duplex (A, B) ..................................................-8V to +13V Receiver Output Voltage (RO)....................-0.3V to (VCC + 0.3V) Driver Output Current .....................................................±250mA Continuous Power Dissipation (TA = +70°C) 8-Pin SO (derate 5.88mW/°C above +70°C) .................471mW 8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) .....727mW 14-Pin SO (derate 8.33mW/°C above +70°C) ...............667mW 14-Pin Plastic DIP (derate 10.0mW/°C above +70°C) ...800mW Operating Temperature Ranges MAX1308_EC_ _ .................................................0°C to +75°C MAX1308_EE_ _ ..............................................-40°C to +85°C MAX1308_EA_ _ ............................................-40°C to +125°C Junction Temperature ......................................................+150°C Storage Temperature Range .............................-65°C to +150°C Lead Temperature (soldering, 10s) .................................+300°C Soldering Temperature (reflow) .......................................+260°C PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS DRIVER VCC Supply-Voltage Range VCC 4.5 5.5 V RL = 100 Ω (RS-422), Figure 1 3 VCC RL = 54 Ω (RS-485), Figure 1 2 VCC Differential Driver Output VOD No load VCC V Change in Magnitude of Differential Output Voltage ΔVOD RL = 100 Ω or 54Ω, Figure 1 (Note 2) 0.2 V Driver Common-Mode Output Voltage VOC RL = 100 Ω or 54Ω, Figure 1 VCC / 2 3 V Change in Magnitude of Common-Mode Voltage ΔVOC RL = 100 Ω or 54Ω, Figure 1 (Note 2) 0.2 V Input-High Voltage VIH DE, DI, RE, TXP, RXP, H/F 3V Input-Low Voltage VIL DE, DI, RE, TXP, RXP, H/F 0.8 V Input Hysteresis VHYS DE, DI, RE, TXP, RXP, H/F 100 mV Input Current IIN1 DE, DI, RE ±1µA Input Impedance First Transition DE 1 10 k Ω Input Current IIN2 TXP, RXP, H/ F internal pulldown 10 40 µA SRL Input-High Voltage VCC - 0.4 V SRL Input-Middle Voltage VCC x 0.3 VCC x 0.7 V SRL Input-Low Voltage 0.4 V SRL = VCC 75 SRL Input Current SRL = GND -75 µA VIN = +12V 125 Output Leakage (Y and Z) Full Duplex IO DE = GND, VCC = GND or VCC VIN = -7V -100 µA |
Similar Part No. - MAX13081EEPA+ |
|
Similar Description - MAX13081EEPA+ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |