Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13081EEPA+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX13081EEPA+
Description  5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13081EEPA+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX13081EEPA+ Datasheet HTML 6Page - Maxim Integrated Products MAX13081EEPA+ Datasheet HTML 7Page - Maxim Integrated Products MAX13081EEPA+ Datasheet HTML 8Page - Maxim Integrated Products MAX13081EEPA+ Datasheet HTML 9Page - Maxim Integrated Products MAX13081EEPA+ Datasheet HTML 10Page - Maxim Integrated Products MAX13081EEPA+ Datasheet HTML 11Page - Maxim Integrated Products MAX13081EEPA+ Datasheet HTML 12Page - Maxim Integrated Products MAX13081EEPA+ Datasheet HTML 13Page - Maxim Integrated Products MAX13081EEPA+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
+5.0V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
10
______________________________________________________________________________________
Test Circuits and Waveforms (continued)
DE
OUT
tDHZ
0
VCC
VCC / 2
0.25V
0
VOH
GENERATOR
0 OR VCC
S1
50
Ω
D
OUT
tDZH, tDZH(SHDN)
VOM = (0 + VOH) / 2
RL = 500
Ω
CL
50pF
Figure 4. Driver Enable and Disable Times (tDHZ, tDZH, tDZH(SHDN))
DE
VCC
OUT
tDLZ
0
VCC
VCC / 2
GENERATOR
0 OR VCC
S1
50
Ω
D
OUT
tDZL, tDZL(SHDN)
VOM = (VOL + VCC) / 2
RL = 500
Ω
CL
50pF
VOL
0.25V
VCC
Figure 5. Driver Enable and Disable Times (tDZL, tDLZ, tDLZ(SHDN))


Similar Part No. - MAX13081EEPA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13081E MAXIM-MAX13081E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
More results

Similar Description - MAX13081EEPA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085EASA MAXIM-MAX13085EASA Datasheet
993Kb / 24P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13085EEPA MAXIM-MAX13085EEPA Datasheet
2Mb / 14P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX14780E_1110 MAXIM-MAX14780E_1110 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
MAX14780E MAXIM-MAX14780E Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 12/10
MAX14780E MAXIM-MAX14780E_15 Datasheet
1Mb / 14P
   5.0V, ±30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 3; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com