Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14821 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX14821 Datasheet HTML 3Page - Maxim Integrated Products MAX14821 Datasheet HTML 4Page - Maxim Integrated Products MAX14821 Datasheet HTML 5Page - Maxim Integrated Products MAX14821 Datasheet HTML 6Page - Maxim Integrated Products MAX14821 Datasheet HTML 7Page - Maxim Integrated Products MAX14821 Datasheet HTML 8Page - Maxim Integrated Products MAX14821 Datasheet HTML 9Page - Maxim Integrated Products MAX14821 Datasheet HTML 10Page - Maxim Integrated Products MAX14821 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
����������������������������������������������������������������� Maxim Integrated Products 7
MAX14821
IO-Link Device Transceiver
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 18V to 36V, VL = 2.3V to 5.5V, VGND = 0V; all logic inputs at VL or GND; TA = -40NC to +85NC, unless otherwise noted. Typical
values are at VCC = 24V, VL = 3.3V, and TA = +25NC, unless otherwise noted.) (Note 2)
Note 2: All devices are 100% production tested at TA = +25NC. Limits over the operating temperature range are guaranteed by
design.
Note 3: UV is an open-drain output. Connect UV to a voltage less than 5.5V through an external pullup resistor.
Note 4: Disable time measurements are load dependent.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SPI TIMING (CS, SCLK, SDI, SDO) (Figure 6)
SCLK Clock Period
tCH+CL
83.3
ns
SCLK Pulse-Width High
tCH
41.65
ns
SCLK Pulse-Width Low
tCL
41.65
ns
CS Fall to SCLK Rise Time
tCSS
20
ns
SCLK Rise to CS Rise Hold Time
tCSH
20
ns
SDI Hold Time
tDH
10
ns
SDI Setup Time
tDS
10
ns
Output Data Propagation Delay
tDO
32
ns
SDO Rise and Fall Times
tFT
20
ns
Minimum CS Pulse
tCSW
76.8
ns


Similar Part No. - MAX14821

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
   IO-Link Device Transceiver
Rev 0; 8/11
MAX14821 MAXIM-MAX14821 Datasheet
1Mb / 13P
   IO-Link-Compliant Device Transceiver
Rev 1; 3/15
MAX14821ETG++ MAXIM-MAX14821ETG+ Datasheet
2Mb / 31P
   IO-Link Device Transceiver
Rev 0; 8/11
MAX14821EWA++ MAXIM-MAX14821EWA+ Datasheet
2Mb / 31P
   IO-Link Device Transceiver
Rev 0; 8/11
More results

Similar Description - MAX14821

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
   IO-Link Device Transceiver
Rev 0; 8/11
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
   IO-Link Device Transceiver
2019
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
   IO-Link Device Transceiver
Rev 0; 9/14
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
   IO-Link Device Transceiver
Rev 4; 1/12
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
   IO-Link-Compliant Device Transceiver
Rev 0; 7/15
MAX14819EVKIT MAXIM-MAX14819EVKIT Datasheet
1Mb / 12P
   IO-Link-Compliant Device Transceiver
Rev 3; 2/21
MAX14828EVKIT MAXIM-MAX14828EVKIT Datasheet
1Mb / 13P
   IO-Link-Compliant Device Transceiver
Rev 0; 9/17
MAX22515EVKIT MAXIM-MAX22515EVKIT Datasheet
772Kb / 12P
   IO-Link-Compliant Device Transceiver
Rev 0; 10/19
MAX14827EVKIT MAXIM-MAX14827EVKIT Datasheet
1Mb / 15P
   IO-Link-Compliant Device Transceiver
Rev 1; 7/16
MAX14820EVKIT MAXIM-MAX14820EVKIT Datasheet
1Mb / 13P
   IO-Link-Compliant Device Transceiver
Rev 1; 3/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com