Part Name
         Description
MAX14820

 IO-Link Device Transceiver ( 29 Page)


MAXIM
100% 
Zoom Out Zoom In
 15 page
background image
���������������������������������������������������������������� Maxim Integrated Products 15
MAX14820
IO-Link Device Transceiver
Pin Description (continued)
PIN
NAME
FUNCTION
14
RX
Receiver Output. RX is the inverse logic level of C/Q. RX is always high when the RxDis bit in the CQConfig
register is set to 1.
15
WU
Active-Low Wake-Up Output. WU is a push-pull output referenced to VL. WU pulses low for 190Fs (typ)
when a valid wake-up pulse is detected on the C/Q line.
16
LO
Logic Input of the DO Output. LO is the logic input that drives DO. LO is referenced to VL.
17
LI
Logic Output of the 24V DI Logic Input. LI is the inverse logic of DI. LI is referenced to VL.
18
UV
Open-Drain Undervoltage Indicator Output. In case of an undervoltage, the UV open-drain transistor is off.
19
DI
24V Logic-Level Digital Input
20
GND
Ground
21
C/Q
SIO/IO-Link Data Input/Output. Drive TXEN high to enable the C/Q driver. The logic on the C/Q output is the
inverse logic level of the signals on the TXC and TXQ inputs. RX is the logic inverse of C/Q. The C/Q driver
output level can be set by the TXC/TXQ inputs or programmed by the Q bit. The level on C/Q can be read
by the RX ouput or the QLvl bit.
22
DO
24V Logic-Level Digital Output. DO is the inverse logic level of the LO input and can be digitally controlled
through the DIOConfig register.
23
VCC
Power-Supply Input. Bypass VCC to GND with a 1FF ceramic capacitor.
24
VP
Protected 24V Supply Output. VP is one diode drop below VCC. VP is reverse-polarity protected and can be
used as a 24V protected supply to the sensor or actuator electronics.
EP
Exposed Pad. Connect EP to GND.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl