Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14820 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14820
Description  IO-Link Device Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14820 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14820 Datasheet HTML 1Page - Maxim Integrated Products MAX14820 Datasheet HTML 2Page - Maxim Integrated Products MAX14820 Datasheet HTML 3Page - Maxim Integrated Products MAX14820 Datasheet HTML 4Page - Maxim Integrated Products MAX14820 Datasheet HTML 5Page - Maxim Integrated Products MAX14820 Datasheet HTML 6Page - Maxim Integrated Products MAX14820 Datasheet HTML 7Page - Maxim Integrated Products MAX14820 Datasheet HTML 8Page - Maxim Integrated Products MAX14820 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MAX14820
IO-Link Device Transceiver
����������������������������������������������������������������� Maxim Integrated Products 1
19-5787; Rev 4; 1/12
General Description
The MAX14820 transceiver is suitable for IO-Link®
devices and 24V binary sensors/actuators. All specified
IO-Link data rates are supported. In IO-Link applica-
tions, the transceiver acts as the physical layer interface
to a microcontroller running the data-link layer protocol.
Additional 24V digital inputs and outputs are provided.
Two internal linear regulators generate common sensor
and actuator power requirements: 5V and 3.3V.
On-board C/Q and DO drivers are independently config-
urable for push-pull, high-side (PNP), or low-side (NPN)
operation. The device detects the IO-Link C/Q wake-up
condition and generates a wake-up signal on the active-
low WU output. The C/Q and DI inputs have selectable
current loads for use in actuators.
An SPI™ interface allows configuration and monitoring of
the devices. Extensive alarm conditions are detected and
communicated through the IRQ output and the SPI inter-
face. The devices feature reverse-polarity, short-circuit,
and thermal protection. All power lines are monitored for
undervoltage conditions.
The C/Q driver is specified for sinking/sourcing 300mA.
The DO driver is specified for sinking/sourcing 135mA.
The device is available in a 4mm x 4mm, 24-pin TQFN
package, and is specified over the extended -40NC to
+85NC temperature range.
Applications
IO-Link Sensors
Industrial Sensors and Actuators
IO-Link Actuators
Features
S
IO-Link Specification v.1.0 and v.1.1 Physical Layer
Compliant
S
Supports COM1, COM2, and COM3 Data Rates
S
IO-Link Device Wake-up Detection
S
Push-Pull, High-Side, or Low-Side Outputs
S
300mA Specified C/Q Output Drive
S
1µF C/Q and DO Load-Drive Capability
S
Auxiliary 24V, 135mA Digital Output
S
Auxiliary 24V Digital Input
S
Optional 6mA/7mA Current Loads at Both 24V Inputs
S
5V and 3.3V Linear Regulators
S
Reverse-Polarity Protected 24V Supply Output
S
EMI Emission Control Through Slew-Controlled Driver
S
SPI Interface for Configuration and Monitoring
S
2.5V to 5V Logic Interface Levels
S
Reverse-Polarity and Short-Circuit Protection on All
24V Inputs/Outputs
S
High-Temperature Warning and Thermal Shutdown
S
Extensive Fault Monitoring and Reporting
S
-40NC to +85NC Operating Temperature Range
S
4mm x 4mm TQFN Package
IO-Link is a registered trademark of Profibus User Organization (PNO).
SPI is a trademark of Motorola, Inc.
Ordering Information appears at end of data sheet.
Typical Operating Circuit
For related parts and recommended products to use with this part, refer to: www.maxim-ic.com/MAX14820.related
EVALUATION KIT AVAILABLE
1
2
4
3
10kΩ
MAX14820
0.8Ω
1F
0.1F
1F
0.1F
VCC
UV
GPIO2
LDOIN
DO
SPI
C/Q
L+
L-
GND
DI
GND
VP
V5
VCC
LDO33
VL
TXQ
MICROCONTROLLER
WU
IRQ
RX
RX
TXC
TX
TXEN
RTS
LO
GPIO1
3.3V
5V
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX14820

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14820 MAXIM-MAX14820 Datasheet
1Mb / 13P
   IO-Link-Compliant Device Transceiver
Rev 1; 3/15
MAX14820EVKIT MAXIM-MAX14820EVKIT Datasheet
1Mb / 13P
   IO-Link-Compliant Device Transceiver
Rev 1; 3/15
More results

Similar Description - MAX14820

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
   IO-Link Device Transceiver
Rev 0; 8/11
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
   IO-Link Device Transceiver
2019
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
   IO-Link Device Transceiver
Rev 0; 9/14
MAX14821 MAXIM-MAX14821_12 Datasheet
2Mb / 29P
   IO-Link Device Transceiver
Rev 1; 2/12
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
   IO-Link-Compliant Device Transceiver
Rev 0; 7/15
MAX14819EVKIT MAXIM-MAX14819EVKIT Datasheet
1Mb / 12P
   IO-Link-Compliant Device Transceiver
Rev 3; 2/21
MAX14828EVKIT MAXIM-MAX14828EVKIT Datasheet
1Mb / 13P
   IO-Link-Compliant Device Transceiver
Rev 0; 9/17
MAX22515EVKIT MAXIM-MAX22515EVKIT Datasheet
772Kb / 12P
   IO-Link-Compliant Device Transceiver
Rev 0; 10/19
MAX14827EVKIT MAXIM-MAX14827EVKIT Datasheet
1Mb / 15P
   IO-Link-Compliant Device Transceiver
Rev 1; 7/16
MAX14820EVKIT MAXIM-MAX14820EVKIT Datasheet
1Mb / 13P
   IO-Link-Compliant Device Transceiver
Rev 1; 3/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com