Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11127ATI+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX11127ATI+
Description  1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11127ATI+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX11127ATI+ Datasheet HTML 3Page - Maxim Integrated Products MAX11127ATI+ Datasheet HTML 4Page - Maxim Integrated Products MAX11127ATI+ Datasheet HTML 5Page - Maxim Integrated Products MAX11127ATI+ Datasheet HTML 6Page - Maxim Integrated Products MAX11127ATI+ Datasheet HTML 7Page - Maxim Integrated Products MAX11127ATI+ Datasheet HTML 8Page - Maxim Integrated Products MAX11127ATI+ Datasheet HTML 9Page - Maxim Integrated Products MAX11127ATI+ Datasheet HTML 10Page - Maxim Integrated Products MAX11127ATI+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
����������������������������������������������������������������� Maxim Integrated Products 7
MAX11120–MAX11128
1Msps, Low-Power, Serial 12-/10-/8-Bit,
4-/8-/16-Channel ADCs
ELECTRICAL CHARACTERISTICS (MAX11121/MAX11124/MAX11127) (continued)
(VDD = 2.35V to 3.6V, VOVDD = 1.5V to 3.6V, fSAMPLE = 1Msps, fSCLK = 16MHz, 50% duty cycle, VREF+ = VDD, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EXTERNAL REFERENCE INPUT
REF- Input Voltage Range
VREF-
-0.3
+1
V
REF+ Input Voltage Range
VREF+
1
VDD +
50mV
V
REF+ Input Current
IREF+
VREF+ = 2.5V, fSAMPLE = 1Msps
36.7
F
A
VREF+ = 2.5V, fSAMPLE = 0
0.1
F
A
DIGITAL INPUTS (SCLK, DIN, CS, CNVST)
Input Voltage Low
VIL
VOVDD O
0.25
V
Input Voltage High
VIH
VOVDD O
0.75
V
Input Hysteresis
VHYST
VOVDD O
0.15
mV
Input Leakage Current
IIN
VAIN_ = 0V or VDD
±0.09
F
A
Input Capacitance
CIN
3
pF
DIGITAL OUTPUTS (DOUT, EOC)
Output Voltage Low
VOL
ISINK = 200FA
VOVDD O
0.15
V
Output Voltage High
VOH
ISOURCE = 200FA
VOVDD O
0.85
V
Three-State Leakage Current
IL
CS = VDD
-0.3
F
A
Three-State Output Capacitance
COUT
CS = VDD
4
pF
POWER REQUIREMENTS
Positive Supply Voltage
VDD
2.35
3.0
3.6
V
Digital I/O Supply Voltage
VOVDD
1.5
3.0
3.6
V
Positive Supply Current
IDD
fSAMPLE = 1Msps
1.8
2.5
mA
fSAMPLE = 0 (1Msps devices)
1
Full shutdown
0.0015
0.006
Power Dissipation
Normal mode
(external
reference)
VDD = 3V,
fSAMPLE = 1Msps
5.4
mW
VDD = 2.35V,
fSAMPLE = 1Msps
3.8
AutoStandby
VDD = 3V,
fSAMPLE = 1Msps
2.6
VDD = 2.35V,
fSAMPLE = 1Msps
1.6
Full/
AutoShutdown
VDD = 3V
4.5
F
W
VDD = 2.35V
2.1


Similar Part No. - MAX11127ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11127ATI++ MAXIM-MAX11127ATI+ Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11127ATI++ MAXIM-MAX11127ATI+ Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
More results

Similar Description - MAX11127ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com