Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSG3DTS4C1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSG3DTS4C1A
Description  5x5x1.5mm Deluxe Bluish Green Top SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSG3DTS4C1A Datasheet(HTML) 1 Page - OptoSupply International

  OSG3DTS4C1A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
5
5x
x5
5x
x1
1..5
5m
mm
m D
De
ellu
ux
xe
e B
Bllu
uiissh
h G
Gr
re
ee
en
n T
To
op
p S
SM
MD
D
L
LE
ED
D
OSG3DTS4C1A
Features
Outline Dimension
High Luminous PLCC6 Top SMD LEDs
55..00xx55..00xx11..55mm Standard Directivity
Superior Weather-resistance
UV Resistant Silicone
Water Clear Type
Applications
Backlighting (switches, keys, etc.)
Marker lights (e.g. steps, exit ways, etc.)
Signal and Channel Letter
Marker lights (e.g. steps, exit ways, etc.)
Other Lighting
2.3
4.1
Unite:mm
Tolerance:±0.20mm
Anode
Cathode
0.9
Back View
4
5
6
3
2
1
3
2
1
4
5
6
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
75
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
270
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=60mA
3.0
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=60mA
500
505
510
nm
Luminous Intensity*
Iv
IF=60mA
2180
3000
-
mcd
50% Power Angle
1/2
IF=60mA
-
120
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSG3DTS4C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3DTS4C1A OPTOSUPPLY-OSG3DTS4C1A Datasheet
100Kb / 1P
   5x5x1.5mm Deluxe Bluish Green Top SMD LED
More results

Similar Description - OSG3DTS4C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3DTS4C1A OPTOSUPPLY-OSG3DTS4C1A Datasheet
100Kb / 1P
   5x5x1.5mm Deluxe Bluish Green Top SMD LED
OSG5DTS4C1A OPTOSUPPLY-OSG5DTS4C1A Datasheet
100Kb / 1P
   5x5x1.5mm Deluxe Green Top SMD LED
OSG5DTS4C1A OPTOSUPPLY-OSG5DTS4C1A_12 Datasheet
114Kb / 1P
   5x5x1.5mm Pure Green Top SMD LED
OSG3DTS5C1A OPTOSUPPLY-OSG3DTS5C1A Datasheet
158Kb / 1P
   3.5x2.8x1.9mm Bluish Green Top SMD LED
OSG74TS4C1A OPTOSUPPLY-OSG74TS4C1A Datasheet
108Kb / 1P
   5x5x1.5mm Fluorescent Green Color Top SMD LED
OSXX4TS4C1A OPTOSUPPLY-OSXX4TS4C1A Datasheet
178Kb / 5P
   5x5x1.5mm White Top SMD LED
OSO5GTS4C1A OPTOSUPPLY-OSO5GTS4C1A_09 Datasheet
159Kb / 1P
   5x5x1.5mm Giga Orange Top SMD
OSK5DTS4C1A OPTOSUPPLY-OSK5DTS4C1A_12 Datasheet
120Kb / 1P
   5x5x1.5mm Pink Top SMD LED
OSG58AS3C1A OPTOSUPPLY-OSG58AS3C1A Datasheet
105Kb / 1P
   3.5x2.8x1.9mm Power Top Bluish Green SMD LED
OSG383S3C1A OPTOSUPPLY-OSG383S3C1A Datasheet
109Kb / 1P
   3.5x2.8x1.9mm Bluish Green Power Top SMD LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com