Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11100EWC+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11100EWC+
Description  16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11100EWC+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11100EWC+ Datasheet HTML 1Page - Maxim Integrated Products MAX11100EWC+ Datasheet HTML 2Page - Maxim Integrated Products MAX11100EWC+ Datasheet HTML 3Page - Maxim Integrated Products MAX11100EWC+ Datasheet HTML 4Page - Maxim Integrated Products MAX11100EWC+ Datasheet HTML 5Page - Maxim Integrated Products MAX11100EWC+ Datasheet HTML 6Page - Maxim Integrated Products MAX11100EWC+ Datasheet HTML 7Page - Maxim Integrated Products MAX11100EWC+ Datasheet HTML 8Page - Maxim Integrated Products MAX11100EWC+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
MAX11100
16-Bit, +5V, 200ksps ADC with 10µA Shutdown
TIMING CHARACTERISTICS
(VAVDD = VDVDD = 4.75V to 5.25V, fSCLK = 4.8MHz (50% duty cycle), 24 clocks/conversion (200ksps), VREF = 4.096V, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25NC.) (See Figure 1, Figure 2, Figure 3, and Figure 6.)
TIMING CHARACTERISTICS
(VAVDD = 4.75V to 5.25V, VDVDD = 2.7V to 5.25V, fSCLK = 4.8MHz (50% duty cycle), 24 clocks/conversion (200ksps), VREF = 4.096V,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25NC.) (See Figure 1, Figure 2, Figure 3, and Figure 6.)
Note 2: VAVDD = VDVDD = +5V.
Note 3: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has
been calibrated.
Note 4: Offset and reference errors nulled.
Note 5: Conversion time is defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle.
Note 6: Defined as the change in positive full scale caused by a Q5% variation in the nominal supply voltage.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Acquisition Time
tACQ
1.1
F
s
SCLK to DOUT Valid
tDO
CDOUT = 50pF
50
ns
CS Fall to DOUT Enable
tDV
CDOUT = 50pF
80
ns
CS Rise to DOUT Disable
tTR
CDOUT = 50pF
80
ns
CS Pulse Width
tCSW
50
ns
CS Fall to SCLK Rise Setup
tCSS
100
ns
CS Rise to SCLK Rise Hold
tCSH
0
ns
SCLK High Pulse Width
tCH
65
ns
SCLK Low Pulse Width
tCL
65
ns
SCLK Period
tCP
208
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Acquisition Time
tACQ
1.1
F
s
SCLK to DOUT Valid
tDO
CDOUT = 50pF
100
ns
CS Fall to DOUT Enable
tDV
CDOUT = 50pF
100
ns
CS Rise to DOUT Disable
tTR
CDOUT = 50pF
80
ns
CS Pulse Width
tCSW
50
ns
CS Fall to SCLK Rise Setup
tCSS
100
ns
CS Rise to SCLK Rise Hold
tCSH
0
ns
SCLK High Pulse Width
tCH
65
ns
SCLK Low Pulse Width
tCL
65
ns
SCLK Period
tCP
208
ns


Similar Part No. - MAX11100EWC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
127Kb / 8P
   Complete Evaluation System Samples to 5ksps
Rev 0; 3/97
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11101EUB++ MAXIM-MAX11101EUB+ Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
More results

Similar Description - MAX11100EWC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162 Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
Linear Technology
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
   14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com