Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11100EUB+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11100EUB+
Description  16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11100EUB+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11100EUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX11100EUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX11100EUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX11100EUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX11100EUB+ Datasheet HTML 9Page - Maxim Integrated Products MAX11100EUB+ Datasheet HTML 10Page - Maxim Integrated Products MAX11100EUB+ Datasheet HTML 11Page - Maxim Integrated Products MAX11100EUB+ Datasheet HTML 12Page - Maxim Integrated Products MAX11100EUB+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
����������������������������������������������������������������� Maxim Integrated Products 9
MAX11100
16-Bit, +5V, 200ksps ADC with 10µA Shutdown
Detailed Description
The MAX11100 includes an input track-and-hold (T/H)
and successive-approximation register (SAR) circuitry to
convert an analog input signal to a digital 16-bit output.
Figure 4 shows the MAX11100 in its simplest configura-
tion. The serial interface requires only three digital lines
(SCLK, CS, and DOUT) and provides an easy interface
to microprocessors (FPs).
The MAX11100 has two power modes: normal and shut-
down. Driving CS high places the MAX11100 in shut-
down, reducing the supply current to 0.1FA (typ), while
pulling CS low places the MAX11100 in normal operating
mode. Falling edges on CS initiate conversions that are
driven by SCLK. The conversion result is available at
DOUT in unipolar serial format. The serial data stream
consists of eight zeros followed by the data bits (MSB
first). Figure 3 shows the interface timing diagram.
Analog Input
Figure 5 illustrates the input sampling architecture of the
ADC. The voltage applied at REF sets the full-scale input
voltage.
Track-and-Hold (T/H)
In track mode, the analog signal is acquired on the inter-
nal hold capacitor. In hold mode, the T/H switches open
and the capacitive DAC samples the analog input.
Figure 1. Load Circuits for DOUT Enable Time and SCLK to
DOUT Delay Time
Figure 2. Load Circuits for DOUT Disable Time
Figure 3. Detailed Serial Interface Timing
DOUT
a) VOL TO VOH
b) HIGH-Z TO VOL AND VOH TO VOL
DOUT
1mA
1mA
DGND
DGND
CLOAD = 50pF
CLOAD = 50pF
VDD
DOUT
a) VOH TO HIGH-Z
b) VOL TO HIGH-Z
DOUT
1mA
1mA
DGND
DGND
CLOAD = 50pF
CLOAD = 50pF
VDD
SCLK
DOUT
tCSS
tCH
tCL
tDV
tCSH
tCSW
tTR
tDO
tCP
CS


Similar Part No. - MAX11100EUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
127Kb / 8P
   Complete Evaluation System Samples to 5ksps
Rev 0; 3/97
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11101EUB++ MAXIM-MAX11101EUB+ Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
More results

Similar Description - MAX11100EUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162 Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
Linear Technology
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
   14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com