Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSB5SA5111A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSB5SA5111A
Description  5mm Round Super Blue LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSB5SA5111A Datasheet(HTML) 1 Page - OptoSupply International

  OSB5SA5111A_09 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
5mm Round Super Blue LED
OSB5SA5111A
Features
Outline Dimension
High Luminous LEDs
5mm Round Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Electronic Signs And Signals
Small Area Illuminations
Back Lighting
Other Lighting
5.0
0.5+0.1
2.54
Unit:mm
Tolerance:+0.3mm
1
2
1:Anode
2:Cathode
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
465
470
475
nm
Luminous Intensity*
Iv
IF=20mA
12000
14400
-
mcd
50% Power Angle
1/2
IF=20mA
-
15
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSB5SA5111A_09

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5SA5111A-1MA OPTOSUPPLY-OSB5SA5111A-1MA Datasheet
109Kb / 1P
   5mm Round Super Blue LED
More results

Similar Description - OSB5SA5111A_09

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5SA5111A-1MA OPTOSUPPLY-OSB5SA5111A-1MA Datasheet
109Kb / 1P
   5mm Round Super Blue LED
OSB5SA5111A OPTOSUPPLY-OSB5SA5111A Datasheet
99Kb / 1P
   5mm Round Super Blue LED
OSRBAC5B31A OPTOSUPPLY-OSRBAC5B31A Datasheet
112Kb / 1P
   5mm Round Super Red & Super Blue LED
OSRBAC5B31ANEWVERSION OPTOSUPPLY-OSRBAC5B31ANEWVERSION Datasheet
112Kb / 1P
   5mm round super red & super blue led
OSB5635141R OPTOSUPPLY-OSB5635141R Datasheet
137Kb / 1P
   Tpower 5mm Round Super Blue LED
OSRBMC5B32A OPTOSUPPLY-OSRBMC5B32A_09 Datasheet
107Kb / 1P
   5mm Round Phoenix Red & Super Blue LED
OSRBMC5B32A OPTOSUPPLY-OSRBMC5B32A Datasheet
101Kb / 1P
   5mm Round Phoenix Red & Super Blue LED
OSB5SL5111P OPTOSUPPLY-OSB5SL5111P Datasheet
88Kb / 1P
   Deluxe Power 5mm Round Super Blue LED
OSRBMC5B31A OPTOSUPPLY-OSRBMC5B31A_11 Datasheet
111Kb / 1P
   5mm Round Phoenix Red & Super Blue LED
OSRBMC5B31A OPTOSUPPLY-OSRBMC5B31A Datasheet
101Kb / 1P
   5mm Round Phoenix Red & Super Blue LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com