Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSL-7140ACG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # TRSL-7140ACG
Description  3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-7140ACG Datasheet(HTML) 1 Page - Optoway Technology Inc

  TRSL-7140ACG Datasheet HTML 1Page - Optoway Technology Inc TRSL-7140ACG Datasheet HTML 2Page - Optoway Technology Inc TRSL-7140ACG Datasheet HTML 3Page - Optoway Technology Inc TRSL-7140ACG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
TRSL-7140CG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V2.0
1
TRSL-7140CG / TRSL-7140G / TRSL-7140ACG / TRSL-7140AG
3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Duplex LC Single Mode Transceiver
l IEEE 802.3z 1000BASE-LX Compliant
l Fiber Channel 1X SM-LC-L FC-PI Compliant
l Small Form Factor, RJ-45 size, 2X5 pin Package
l 1310 nm DFB LD Transmitter
l 22 dB Power Budget at Least
l Distance up to 40 km
l AC/AC Coupled Signal Input / Output
l LVTTL Transmitter Disable Input
l LVTTL Signal Detect Output: TRSL-7140CG
l LVPECL Signal Detect Output: TRSL-7140G
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating: TRSL-7140CG
l -20 to 85oC Operating: TRSL-7140ACG
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l Gigabit Ethernet Switches and Routers
l Fiber Channel Switch Infrastructure
l Metro Edge Switching
DESCRIPTION
The TRSL-7140CG series single mode transceivers is small
form factor, low power, high performance module for
bi-directional serial optical data communications such as
IEEE 802.3z Gigabit Ethernet 1000BASE-LX and Fiber
Channel 1X SM-LC-L FC-PI. This module is designed for
single mode fiber and operates at a nominal wavelength of
1310 nm. A guaranteed minimum optical link budget of 22
dB is offered which can correspond to a link distance of
over 40 km (assuming worst case fiber loss of 0.4 dB/km).
The transmitter section uses a multiple quantum well
laser
and is a class 1 laser compliant according to
International Safety Standard IEC-60825. The receiver
section uses an integrated InGaAs detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC. A LVPECL logic interface simplifies
interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
1000
BASE
Distance
(km)
Wavelengt
h (nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
TRSL-7140CG
1.25/1.063
40
1310 DFB
2X5 LC
0 to 70
3 to -2
-24
Yes
TRSL-7140ACG
1.25/1.063
40
1310 DFB
2X5 LC
-20 to 85
3 to -2
-24
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
-20
70
85
oC
TRSL-7140CG
TRSL-7140ACG
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
4.5
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Temperature
Topr
0
-20
70
85
oC / TRSL-7140CG
oC / TRSL-7140ACG
Data Rate
1000
1250
Mb/s
Power Supply Current
Icc
280
mA


Similar Part No. - TRSL-7140ACG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-7140ACG OPTOWAY-TRSL-7140ACG Datasheet
123Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - TRSL-7140ACG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-7130G OPTOWAY-TRSL-7130G Datasheet
114Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7130CG OPTOWAY-TRSL-7130CG Datasheet
124Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7120G OPTOWAY-TRSL-7120G Datasheet
113Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7110G OPTOWAY-TRSL-7110G Datasheet
113Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7140CG OPTOWAY-TRSL-7140CG Datasheet
123Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7110CG OPTOWAY-TRSL-7110CG Datasheet
123Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7120CG OPTOWAY-TRSL-7120CG Datasheet
123Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9140G OPTOWAY-TRSL-9140G Datasheet
116Kb / 4P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9102G OPTOWAY-TRSL-9102G_11 Datasheet
181Kb / 4P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9115G OPTOWAY-TRSL-9115G Datasheet
123Kb / 4P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com