Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72V32200GU-8 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # HYS72V32200GU-8
Description  3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYS72V32200GU-8 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  HYS72V32200GU-8 Datasheet HTML 1Page - Siemens Semiconductor Group HYS72V32200GU-8 Datasheet HTML 2Page - Siemens Semiconductor Group HYS72V32200GU-8 Datasheet HTML 3Page - Siemens Semiconductor Group HYS72V32200GU-8 Datasheet HTML 4Page - Siemens Semiconductor Group HYS72V32200GU-8 Datasheet HTML 5Page - Siemens Semiconductor Group HYS72V32200GU-8 Datasheet HTML 6Page - Siemens Semiconductor Group HYS72V32200GU-8 Datasheet HTML 7Page - Siemens Semiconductor Group HYS72V32200GU-8 Datasheet HTML 8Page - Siemens Semiconductor Group HYS72V32200GU-8 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
HYS 64(72)V16200/3222(0)0/64220GU
SDRAM Modules
Semiconductor Group
5
1998-08-01
Block Diagram for 16M
× 64/72 & 32M × 64/72 one bank SDRAM DIMM Modules
(HYS 64/72V16200GU & HYS 64/72V32200GU)
SPB03970
DQ0-DQ7
DQM
WE
D0
CS0
WE
DQ(7:0)
DQMB0
DQ0-DQ7
DQ(39:32)
DQMB4
DQM
D4
DQ0-DQ7
DQ(15:8)
DQMB1
DQM
D1
CS
DQ0-DQ7
DQ(47:40)
DQMB5
DQM
D5
DQ0-DQ7
CB(7:0)
DQM
CS
D8
DQ0-DQ7
DQ0-DQ7
DQ(31:24)
DQMB3
DQ(23:16)
DQMB2
DQM
DQM
CS2
CS
CS
CS
D3
D2
DQMB7
DQ(63:56)
DQMB6
DQ(55:48)
CS
D7
D6
DQ0-DQ7
DQM
DQ0-DQ7
DQM
A0-A11, (A12), BA0, BA1
D0-D7, (D8)
CC
V
SS
V
C
D0-D7, (D8)
RAS
D0-D7, (D8)
D0-D7, (D8)
CAS
Clock Wiring
32 M x 64
32 M x 72
CLK0
4 SDRAM + 3.3 pF
5 SDRAM
Termination
Termination
CLK1
4 SDRAM + 3.3 pF
4 SDRAM + 3.3 pF
CLK2
CLK3
47 k
SCL
SCL
2
SA0
SA1
SA2
E PROM (256 word x 8 Bit)
SA1
SA0
SA2
SDA
WP
CS
CS
WE
WE
WE
WE
CS
WE
WE
WE
WE
D0-D7, (D8)
CKE0
D0-D7, (D8)
Termination
Termination
Note: D8 is only used in the x72 ECC version.


Similar Part No. - HYS72V32200GU-8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72V32220GU-7-C2 INFINEON-HYS72V32220GU-7-C2 Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
HYS72V32220GU-7.5-C2 INFINEON-HYS72V32220GU-7.5-C2 Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
HYS72V32220GU-75-C2 INFINEON-HYS72V32220GU-75-C2 Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
HYS72V32220GU-8-C2 INFINEON-HYS72V32220GU-8-C2 Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
More results

Similar Description - HYS72V32200GU-8

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS64-74V8200GU SIEMENS-HYS64-74V8200GU Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
logo
Infineon Technologies A...
HYS64V64220GU INFINEON-HYS64V64220GU Datasheet
274Kb / 15P
   3.3 V 64M x 64/72-Bit, 512MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
HYS64V32300GU INFINEON-HYS64V32300GU Datasheet
266Kb / 16P
   3.3 V 32M x 64/72-Bit, 256MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
HYS64V16300GU INFINEON-HYS64V16300GU Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
logo
Siemens Semiconductor G...
HYS6472V4200GU SIEMENS-HYS6472V4200GU Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS64-72V2200GU-8 SIEMENS-HYS64-72V2200GU-8 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS64V1000GS-10 SIEMENS-HYS64V1000GS-10 Datasheet
68Kb / 9P
   3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
logo
Infineon Technologies A...
HYS64V16302GU INFINEON-HYS64V16302GU Datasheet
223Kb / 13P
   3.3 V 16M 횞 64-Bit, 128MByte SDRAM Module 168-pin Unbuffered DIMM Modules
2001.09
logo
Siemens Semiconductor G...
HYS64V2100G SIEMENS-HYS64V2100G Datasheet
75Kb / 12P
   3.3V 2M x 64-Bit SDRAM Module 3.3V 2M x 72-Bit SDRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com