Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRM-7100AC-EMG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # TRM-7100AC-EMG
Description  3.3V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRM-7100AC-EMG Datasheet(HTML) 1 Page - Optoway Technology Inc

  TRM-7100AC-EMG Datasheet HTML 1Page - Optoway Technology Inc TRM-7100AC-EMG Datasheet HTML 2Page - Optoway Technology Inc TRM-7100AC-EMG Datasheet HTML 3Page - Optoway Technology Inc TRM-7100AC-EMG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
TRM-7100-EMG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V2.0
1
TRM-7100-EMG / TRM-7100C-EMG / TRM-7100A-EMG / TRM-7100AC-EMG
3.3V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
***********************************************************************************************************************************************************************
FEATURES
l Duplex SC Multi-Mode Transceiver
l Compliant with IEEE-802.3z 1000BASE-SX
l Industry Standard 1 x 9 Footprint
l 850 nm VCSEL Transmission
l 0 to 70oC Operating: TRM-7100-EMG
l -20 to 85oC Operating: TRM-7100A-EMG
l Single +3.3 V Power Supply
l RoHS Compliant
l 300 meter with 62.5/125
µm MMF
l 500 meter with 50/125
µm MMF
l LVPECL Signal Detect Output: TRM-7100-EMG
l LVTTL Signal Detect Output: TRM-7100C-EMG
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC 60825-1
Compliant
APPLICATIONS
l Switch to Switch Interface
l High Speed Interface for File Servers
l High Performance Desktops
DESCRIPTION
The TRM-7100-EMG series multi-mode transceivers is low
power, high performance module for bi-directional serial
optical data communications such Gigabit Ethernet and
Fibre Channel. This module is designed for multi-mode
fiber and operates at a nominal wavelength of 850 nm. The
transmitter section uses a multiple quantum well VCSEL
and is a class 1 laser compliant according to International
Safety Standard IEC 60825-1. The receiver section uses an
integrated GaAs detector preamplifier (IDP) mounted in an
optical header and a limiting post-amplifier IC. A PECL
logic interface simplifies interface to external circuitry.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC 60825-1 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug
ORDER INFORMATION
P/No.
Distance
(m)
Wavelength
(nm)
Voltage
(V)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
Signal
Detect
RoHS
Compliant
TRM-7100-EMG
300 / 500*
850
3.3
1X9 SC
0 to 70
-4 to -9.5
-18
LVPECL
Y
TRM-7100C-EMG
300 / 500*
850
3.3
1X9 SC
0 to 70
-4 to -9.5
-18
LVTTL
Y
TRM-7100A-EMG
300 / 500*
850
3.3
1X9 SC
-20 to 85
-4 to -9.5
-18
LVPECL
Y
TRM-7100AC-EMG 300 / 500*
850
3.3
1X9 SC
-20 to 85
-4 to -9.5
-18
LVTTL
Y
Note: Distance: 300 m for 62.5/125
µm MMF, 500 m for 50/125 µm MMF


Similar Part No. - TRM-7100AC-EMG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRM-7100AC-EMG OPTOWAY-TRM-7100AC-EMG Datasheet
80Kb / 4P
   3.3V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRM-7100AC-EMG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRM-7100-EMG OPTOWAY-TRM-7100-EMG Datasheet
80Kb / 4P
   3.3V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7000-EMG OPTOWAY-TRM-7000-EMG Datasheet
83Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7000G OPTOWAY-TRM-7000G Datasheet
79Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7100 OPTOWAY-TRM-7100 Datasheet
78Kb / 4P
   3.3V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER
TRML-7100CG OPTOWAY-TRML-7100CG Datasheet
120Kb / 4P
   3.3V / 850 nm / 1.25 Gbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER
TRS-7350G OPTOWAY-TRS-7350G Datasheet
106Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7120G OPTOWAY-TRS-7120G Datasheet
106Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7380G OPTOWAY-TRS-7380G Datasheet
106Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7140G OPTOWAY-TRS-7140G Datasheet
106Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-73160G OPTOWAY-TRS-73160G Datasheet
104Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com