Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS-9015CG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # TRS-9015CG
Description  5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRS-9015CG Datasheet(HTML) 1 Page - Optoway Technology Inc

  TRS-9015CG Datasheet HTML 1Page - Optoway Technology Inc TRS-9015CG Datasheet HTML 2Page - Optoway Technology Inc TRS-9015CG Datasheet HTML 3Page - Optoway Technology Inc TRS-9015CG Datasheet HTML 4Page - Optoway Technology Inc TRS-9015CG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
TRS-9015CG
**********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2006 V1.0
1
TRS-9015CG / TRS-9015CTG / TRS-9015CFG
5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
*********************************************************************************************************************************************************************
FEATURES
l Duplex SC Single Mode Transceiver: TRS-9015CG
l Duplex ST Single Mode Transceiver: TRS-9015CTG
l Duplex FC Single Mode Transceiver: TRS-9015CFG
l SONET OC-48 IR-1/ SDH STM-16 (S-16.1) Compliant
l Fiber Channel 2X/1X SM-LC-L FC-PI Compliant
l IEEE 802.3z Gigabit Ethernet 1000BASE-LX
Compliant
l 1310 nm DFB LD Transmitter
l Industry Standard 1 x 9 Footprint
l 0 to 70oC Operating
l Single +5 V Power Supply
l RoHS Compliant
l TTL Signal Detect Output
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l Switch to Switch Interface
l High Speed Interface for File Servers
l High Performance Desktops
DESCRIPTION
The TRS-9015CG series single mode transceivers is low
power, high performance module for bi-directional serial
optical data communications such as SONET OC-48 IR-1 /
SDH STM-16 (S-16.1), Gigabit Ethernet and 1X/2X Fiber
channel. This module is designed for single mode fiber and
operates at a nominal wavelength of 1310 nm. The
transmitter section uses a multiple quantum well laser
and is a class 1 laser compliant according to International
Safety Standard IEC-60825. The receiver section uses an
integrated InGaAs detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC. A
LVPECL logic interface simplifies interface to external
circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SONET
/SDH
Distance
(km)
Wavelength
(nm)
Voltage
(V)
Package
Temp.
(
oC)
TX
Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
TRS-9015CG
2488
IR-1/S-16.1
15
1310 DFB
5
1X9 SC/ST/FC
0 to 70
0 to -5
-18
Y
Note: TRS-XXXXXFG for FC duplex transceiver, TRS-XXXXXTG for ST duplex transceiver, TRS-XXXXX-EMG for SC duplex
transceiver with extended EMI shielding,
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
70
oC
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
6
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
Vcc
4.75
5
5.25
V
Operating Temperature
Topr
0
70
oC
Data Rate
622
2488
2670
Mb/s
Power Supply Current
Icc
180
250
mA


Similar Part No. - TRS-9015CG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-9015CG OPTOWAY-TRS-9015CG Datasheet
123Kb / 5P
   5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
More results

Similar Description - TRS-9015CG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-9040G OPTOWAY-TRS-9040G Datasheet
123Kb / 5P
   5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-9040CG OPTOWAY-TRS-9040CG Datasheet
123Kb / 5P
   5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-9002G OPTOWAY-TRS-9002G Datasheet
124Kb / 5P
   5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-9002CG OPTOWAY-TRS-9002CG Datasheet
123Kb / 5P
   5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-9015CG OPTOWAY-TRS-9015CG Datasheet
123Kb / 5P
   5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-9140CG OPTOWAY-TRS-9140CG Datasheet
123Kb / 5P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7030G OPTOWAY-TRS-7030G Datasheet
104Kb / 5P
   5V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7010G OPTOWAY-TRS-7010G Datasheet
105Kb / 5P
   5V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7020G OPTOWAY-TRS-7020G Datasheet
104Kb / 5P
   5V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-9102G OPTOWAY-TRS-9102G Datasheet
125Kb / 5P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com