Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD7600-A Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD7600-A
Description  AK7600VF Evaluation Board Rev.1
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD7600-A Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD7600-A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD7600-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD7600-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD7600-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD7600-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD7600-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD7600-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD7600-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD7600-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
[AKD7600-A]
< KM091700>
2008/04
- 5 -
(2) Master Mode of AK7600VF
MCLK is from X’tal2(Sub-board:X’tal1A), AK4114, or BNC.(The master mode is only for 256fs speed of
MCLK(11.2896MHz))
(2-1) MCLK (JP8: MASTER 2-3, JP9: EXT 2-3)
(2-1-1) MCLK from X’tal2 (JP9: Master 1-2)
JP9
XTI
XTL
EXT
JP8
7600
Slave Master
(2-1-2) MCLK from AK4114(JP5:DIR 2-3, JP6:Open)
JP8
7600
Slave Master
JP9
XTI
XTL
EXT
JP5
MCLK
EXT
DIR
JP6
BNC GND
OPEN
(2-1-3) MCLK From BNC(JP5:EXT 1-2, JP6:Short)
JP8
7600
Slave Master
JP5
MCLK
EXT
DIR
JP9
XTI
XTL
EXT
JP6
SHORT
BNC GND
(2-2) BICK(JP3:DIR 1-2, JP4:THR 1-2)
JP3
PHASE
THR
INV
JP4
BICK
DIR
64fs
(2-3) LRCK(JP7:DIR 2-3)
JP7
LRCK
1fs
DIR
(3) AK4114 Clock (JP1)
(3-1) From X’tal1 (JP1:XTL 1-2)
JP1
XTI
XTL
EXT
(3-2) From CLKO pin(TX-CLK) of AK7600VF(JP1:EXT 2-3)
JP1
XTI
XTL
EXT


Similar Part No. - AKD7600-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD7600 AKM-AKD7600 Datasheet
432Kb / 38P
   2/6-Channel Audio CODEC with Digital EQ
More results

Similar Description - AKD7600-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4711-A AKM-AKD4711-A Datasheet
1,010Kb / 30P
   AK4711 Evaluation Board Rev.1
AKD4213-B AKM-AKD4213-B Datasheet
611Kb / 35P
   AK4213 Evaluation Board Rev.1
AKD4421A-SA AKM-AKD4421A-SA Datasheet
600Kb / 22P
   AK4421A Evaluation Board Rev.1
AKD4424-SA AKM-AKD4424-SA Datasheet
594Kb / 22P
   AK4424 Evaluation Board Rev.1
AKD4203-A AKM-AKD4203-A Datasheet
1Mb / 19P
   AK4203 Evaluation Board Rev.1
AKD4430-SA AKM-AKD4430-SA Datasheet
506Kb / 20P
   AK4430 Evaluation Board Rev.1
AKD4373-B AKM-AKD4373-B Datasheet
966Kb / 34P
   AK4373 Evaluation Board Rev.1
AKD4710-A AKM-AKD4710-A Datasheet
1Mb / 30P
   AK4710 Evaluation Board Rev.1
AKD4683 AKM-AKD4683 Datasheet
830Kb / 74P
   AK4683 Evaluation Board Rev.1
AKD4368 AKM-AKD4368 Datasheet
628Kb / 39P
   Evaluation board Rev.1 for AK4368
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com