Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5373-A Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD5373-A
Description  Evaluation board Rev.2 for AK5373
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5373-A Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD5373-A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD5373-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD5373-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5373-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5373-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5373-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5373-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5373-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5373-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
[AKD5373-A]
Figure 4. USB Audio Device Properties
Evaluation mode
(1) Internal ADC Streaming Mode
Evaluation of using internal ADC of AK5373
USB1 (USB Connector) is used. Nothing should be connected to USB2 (USB Connector) and PORT6 (DSP).
MPWR
MICLP
MICRP
VREF
Digital
Volume
VREFN
LFLTAD
XTO
XTI
CSN SCK EPSO EPSI
USB
SIE
USB
Tx/Rx
DP
DN
CKM = “H”
SDTO
LRCK
BICK
MCLK
SDTI
Audio
Stream
Control
Control
Decode
RSTN SUSN
LMUTE RMUTE
CLKDRV
VREFP VCOM
MICLN
MICRN
Gain: 0/+6/+12/+18/+24/+30/+36dB
AVDD
DVDD
MGAIN0
MGAIN1
MGAIN2
VSS2
VSS1
VSS3
24bit
ADC
PMADL
PMADL or PMADR
PMADR
CLKO
Ext
Audio
I/F
SDIN or SDOUT
PMMP
EEP-ROM
SPI I/F
L-ch MIC
R-ch MIC
LFLTAD
PLL
(System/Audio)
24MHz
Figure 5. Internal ADC Streaming Mode
[KM101503]
2010/08
- 4 -


Similar Part No. - AKD5373-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5373 AKM-AKD5373 Datasheet
567Kb / 53P
   24-bit Stereo ADC with USB Interface
More results

Similar Description - AKD5373-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
   Evaluation board Rev.2 for AK4687
AKD4621-B AKM-AKD4621-B Datasheet
985Kb / 50P
   AK4621 Evaluation board Rev.2
AKD4420-SC AKM-AKD4420-SC Datasheet
436Kb / 22P
   AK4420 Evaluation Board Rev.2
AKD4589 AKM-AKD4589 Datasheet
2Mb / 51P
   AK4589 Evaluation Board Rev.2
AKD4480-SB AKM-AKD4480-SB Datasheet
643Kb / 30P
   AK4480 Evaluation Board Rev.2
AKD4223-A AKM-AKD4223-A Datasheet
1,015Kb / 31P
   AK4223 Evaluation Board Rev.2
AKD4426-SA AKM-AKD4426-SA Datasheet
444Kb / 33P
   AK4426 Evaluation Board Rev.2
AKD4709-A AKM-AKD4709-A Datasheet
1Mb / 28P
   AK4709 Evaluation Board Rev.2
AKD4753-A AKM-AKD4753-A Datasheet
1Mb / 60P
   AK4753 Evaluation Board Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com