Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72V4220GU-8-3 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # HYS72V4220GU-8-3
Description  3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYS72V4220GU-8-3 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  HYS72V4220GU-8-3 Datasheet HTML 1Page - Siemens Semiconductor Group HYS72V4220GU-8-3 Datasheet HTML 2Page - Siemens Semiconductor Group HYS72V4220GU-8-3 Datasheet HTML 3Page - Siemens Semiconductor Group HYS72V4220GU-8-3 Datasheet HTML 4Page - Siemens Semiconductor Group HYS72V4220GU-8-3 Datasheet HTML 5Page - Siemens Semiconductor Group HYS72V4220GU-8-3 Datasheet HTML 6Page - Siemens Semiconductor Group HYS72V4220GU-8-3 Datasheet HTML 7Page - Siemens Semiconductor Group HYS72V4220GU-8-3 Datasheet HTML 8Page - Siemens Semiconductor Group HYS72V4220GU-8-3 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
HYS64(72)V2200/4220GU-8/-10
SDRAM-Modules
Semiconductor Group
5
Block Diagram for 4M x 64/72 SDRAM DIMM modules (HYS64/72V4220GU)
CS
DQM
DQ0-DQ7
D1
CS
DQM
DQ0-DQ7
D0
CS
DQM
DQ0-DQ7
D16
CS
DQM
DQ0-DQ7
D2
CS
DQM
DQ0-DQ7
D3
CS1
CS0
DQMB0
DQ(7:0)
DQMB1
DQ(15:8)
CB(7:0)
DQMB2
DQ(23:16)
DQMB3
DQ(31:24)
A0-A10,BA
VDD
VSS
D0 - D15,(D16,D17)
C0-C31,(C32..C35)
E2PROM (256wordx8bit)
D0 - D15,(D16,D17)
D0 - D7,(D8)
D0 - D15,(D16,D17)
D0 - D7,(D16)
RAS, CAS, WE
CKE0
Note: D16 & D17 is only used in the x72 ECC version and all resistor values are 10 Ohms except otherwise noted.
CS2
CS
DQM
DQ0-DQ7
D9
CS
DQM
DQ0-DQ7
D8
CS
DQM
DQ0-DQ7
D17
CS
DQM
DQ0-DQ7
D10
CS
DQM
DQ0-DQ7
D11
CS
DQM
DQ0-DQ7
D5
CS
DQM
DQ0-DQ7
D4
CS
DQM
DQ0-DQ7
D6
CS
DQM
DQ0-DQ7
D7
DQMB4
DQ(39:32)
DQMB5
DQ(47:40)
DQMB6
DQ(55:48)
DQMB7
DQ(63:56)
CS
DQM
DQ0-DQ7
D13
CS
DQM
DQ0-DQ7
D12
CS
DQM
DQ0-DQ7
D14
CS
DQM
DQ0-DQ7
D15
CS3
D9 - D15,(D17)
CKE1
VDD
10k
WP
SDA
SA0
SA1
SA2
SA0
SA1
SA2
47k
Clock Wiring
CLK0
4 SDRAM+3.3pF 5 SDRAM
CLK1
4 SDRAM+3.3pF 5 SDRAM
CLK2
4 SDRAM+3.3pF 4 SDRAM+3.3pF
CLK3
4 SDRAM+3.3pF 4 SDRAM+3.3pF
4M x 64
4M x 72
SCL
SCL


Similar Part No. - HYS72V4220GU-8-3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS72V4200GU-10 SIEMENS-HYS72V4200GU-10 Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS72V4200GU-8 SIEMENS-HYS72V4200GU-8 Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
More results

Similar Description - HYS72V4220GU-8-3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS6472V4200GU SIEMENS-HYS6472V4200GU Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS64V4120GU SIEMENS-HYS64V4120GU Datasheet
72Kb / 11P
   3.3V 4M x 64-Bit 2 BANK SDRAM Module 3.3V 4M x 72-Bit 2 BANK SDRAM Module
HYS64V2100G SIEMENS-HYS64V2100G Datasheet
75Kb / 12P
   3.3V 2M x 64-Bit SDRAM Module 3.3V 2M x 72-Bit SDRAM Module
HYS64-74V8200GU SIEMENS-HYS64-74V8200GU Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
HYS64V1000GS-10 SIEMENS-HYS64V1000GS-10 Datasheet
68Kb / 9P
   3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
logo
Infineon Technologies A...
HYS64V16300GU INFINEON-HYS64V16300GU Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
logo
Siemens Semiconductor G...
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com