Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4223-A Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AKD4223-A
Description  AK4223 Evaluation Board Rev.2
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4223-A Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AKD4223-A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4223-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4223-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4223-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4223-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4223-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4223-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4223-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4223-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
ASAHI KASEI
[AKD4223-A]
<KM101302>
2010/08
- 2 -
EVALUATION BOARD MANUAL
Operation sequence
1) Set up power supply lines.
Name of
jack
Color of
jack
Voltage
Used for
Open / connect
Default
Setting
VVDD
Orange
+9V
AK4223 of VVDD
Should be always connected.
+9V
AVDD
Red
+9V
AK4223 of AVDD
Should be always connected.
+9V
D3.3V
Red
+3.3V
Digital Logic
Should be always connected.
+3.3V
AVSS
Black
0V
Analog Ground
Should be always connected.
0V
VVSS
Black
0V
Analog Ground
Should be always connected.
0V
DGND
Black
0V
Digital Ground
Should be always connected, when JP1
and JP2 (GND) is set to open.
0V
Table 1. 電源の配線
(Note) Each supply line should be distributed from the power supply unit.
2) Set-up jumper pins and DIP switches. (See the followings.)
3) Power on.
AK4223 should be reset once bringing SW1 (PDN) to “L” upon power-up.


Similar Part No. - AKD4223-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4223 AKM-AKD4223 Datasheet
359Kb / 27P
   6:2 Audio Switch and 6:2 Video Switch
More results

Similar Description - AKD4223-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4621-B AKM-AKD4621-B Datasheet
985Kb / 50P
   AK4621 Evaluation board Rev.2
AKD4420-SC AKM-AKD4420-SC Datasheet
436Kb / 22P
   AK4420 Evaluation Board Rev.2
AKD4589 AKM-AKD4589 Datasheet
2Mb / 51P
   AK4589 Evaluation Board Rev.2
AKD4480-SB AKM-AKD4480-SB Datasheet
643Kb / 30P
   AK4480 Evaluation Board Rev.2
AKD4426-SA AKM-AKD4426-SA Datasheet
444Kb / 33P
   AK4426 Evaluation Board Rev.2
AKD4709-A AKM-AKD4709-A Datasheet
1Mb / 28P
   AK4709 Evaluation Board Rev.2
AKD4753-A AKM-AKD4753-A Datasheet
1Mb / 60P
   AK4753 Evaluation Board Rev.2
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
   Evaluation board Rev.2 for AK4687
AKD5373-A AKM-AKD5373-A Datasheet
1Mb / 24P
   Evaluation board Rev.2 for AK5373
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com