Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4203-A Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AKD4203-A
Description  AK4203 Evaluation Board Rev.1
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4203-A Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AKD4203-A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4203-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4203-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4203-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4203-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4203-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4203-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4203-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4203-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ASAHI KASEI
[AKD4203-A]
<KM107701>
2011/09
- 2 -
EVALUATION BOARD MANUAL
Operation Sequence
1) Set up the power supply lines.
Name of
Jack
Color of
Jack
Voltage
Used for
Comment and attention
Default of
Jack
REG+5V
Yellow
+4.8
∼+5.2V
input Regulator
Connect only when using regulator.
open
VDD1
Red
+3.0
∼+3.6V
AK4203 VDD1
Should be connected when JP7 (VDD1) is set to
REG side.
Should be open when JP7 (VDD1) is set to
VDD1 side.
+3.3V
VDD2
Red
+3.0
∼+3.6V
AK4203 VDD2
Should be connected when JP4 (VDD2) is set to
REG side.
Should be open when JP4 (VDD2) is set to
VDD2 side.
+3.3V
D3.3V
Red
+3.0
∼3.6 V
Logic Power supply
Should be connected when JP5 (D3.3V) is set to
REG side.
Should be open when JP5 (D3.3V) is set to
D3.3V side.
+3.3V
VSS1
Black
0V
Analog Ground
Should always be connected
0V
VSS2
Black
0V
Analog Ground
Should always be connected
0V
Table 1. Power supply lines
Each supply line should be distributed from the power supply unit.
2) Set-up jumper pins. (See the followings.)
3) Power on.
Jumper Pins Set Up
[JP4] (VDD2): Regulator (+3.3V) or VDD2 connector
OPEN:
The VDD2 pin is supplied via the VDD2 connector. <Default>
SHORT:
The VDD2 pin is supplied via the regulator (+3.3V). (The connector “VDD2” must be open.)
[JP5] (D3.3V): Regulator (+3.3V) or D3.3V connector
OPEN:
Logic voltage is supplied via the D3.3V connector. <Default>
SHORT:
Logic voltage is supplied via the regulator (+3.3V). (The connector “D3.3V” must be open.)
[JP6] (VDD): VDD1 and VDD2
OPEN:
Separated<Default>
SHORT:
Connected
[JP7] (VDD1): Regulator (+3.3V) or VDD1 connector
OPEN:
The VDD1 pin is supplied via the VDD1 connector. <Default>
SHORT:
The VDD1 pin is supplied via the regulator (+3.3V). (The connector “VDD1” must be open.)
The regulator can be supplied 3.3V to all circuits by shorting JP4, JP5 and JP7, and supplying +5V to REG+5V
Connector.


Similar Part No. - AKD4203-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4203-A AKM-AKD4203-A Datasheet
1Mb / 19P
   Evaluation Board
More results

Similar Description - AKD4203-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4711-A AKM-AKD4711-A Datasheet
1,010Kb / 30P
   AK4711 Evaluation Board Rev.1
AKD7600-A AKM-AKD7600-A Datasheet
2Mb / 45P
   AK7600VF Evaluation Board Rev.1
AKD4213-B AKM-AKD4213-B Datasheet
611Kb / 35P
   AK4213 Evaluation Board Rev.1
AKD4421A-SA AKM-AKD4421A-SA Datasheet
600Kb / 22P
   AK4421A Evaluation Board Rev.1
AKD4424-SA AKM-AKD4424-SA Datasheet
594Kb / 22P
   AK4424 Evaluation Board Rev.1
AKD4430-SA AKM-AKD4430-SA Datasheet
506Kb / 20P
   AK4430 Evaluation Board Rev.1
AKD4373-B AKM-AKD4373-B Datasheet
966Kb / 34P
   AK4373 Evaluation Board Rev.1
AKD4710-A AKM-AKD4710-A Datasheet
1Mb / 30P
   AK4710 Evaluation Board Rev.1
AKD4683 AKM-AKD4683 Datasheet
830Kb / 74P
   AK4683 Evaluation Board Rev.1
AKD4368 AKM-AKD4368 Datasheet
628Kb / 39P
   Evaluation board Rev.1 for AK4368
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com