Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8818VQ Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK8818VQ
Description  NTSC/PAL Digital Video Encoder
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8818VQ Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK8818VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK8818VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK8818VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK8818VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK8818VQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK8818VQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK8818VQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK8818VQ Datasheet HTML 12Page - Asahi Kasei Microsystems AK8818VQ Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
ASAHI KASEI
[AK8817/18]
Rev.001E
9
2009 / 12
Electrical Characteristics
(1) Absolute Maximum Ratings
Parameter
Min
Max
Units
Note
Supply voltage
DVDD, AVDD, PVDD
-0.3
4.5
V
Digital Input pin voltage
(VinP)
-0.3
PVDD +0.3
V
D[7:0], HDI, VDI,
RSTN, PDN,
CLKIN,
CLKINV,SCL,
SDA
Input pin current (Iin)
-10
10
mA
Exclude Power
supply pin.
Storage temperature
-40
125
°C
(Note1)
Power supply voltages are values where each ground pin ( DVSS = AVSS = PVSS ) is at 0 V( voltage reference ).
All power supply ground pins DVSS, AVSS and PVSS should be at same potential.
(2) Recommended Operating Conditions
(2-1) AK8817VG/AK8818VG
Parameter
Min
Typ.
Max
Units
Conditions
Supply voltage *
AVDD,DVDD
2.7
3.0
3.3
V
AVDD = DVDD
Interface power supply
PVDD
1.6
1.8
DVDD
V
Operating temperature
(Ta)
-40
85
°C
* Power supply voltages are values where each ground pin ( PVSS = AVSS = PVSS ) is at 0 V( voltage reference ).
All power supply ground pins DVSS, AVSS and PVSS should be at same potential.
(2-2) AK8817VQ/AK8818VQ
Parameter
Min
Typ.
Max
Units
Conditions
Supply voltage *
AVDD,DVDD
2.7
3.0
3.6
V
AVDD = DVDD
Interface power supply
PVDD
1.6
1.8
DVDD
V
Operating temperature
(Ta)
-40
105
°C
* Power supply voltages are values where each ground pin ( PVSS = AVSS = PVSS ) is at 0 V( voltage reference ).
All power supply ground pins DVSS, AVSS and PVSS should be at same potential.


Similar Part No. - AK8818VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8818VG AKM-AK8818VG Datasheet
401Kb / 43P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - AK8818VQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com