Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8818VG Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK8818VG
Description  NTSC/PAL Digital Video Encoder
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8818VG Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK8818VG Datasheet HTML 3Page - Asahi Kasei Microsystems AK8818VG Datasheet HTML 4Page - Asahi Kasei Microsystems AK8818VG Datasheet HTML 5Page - Asahi Kasei Microsystems AK8818VG Datasheet HTML 6Page - Asahi Kasei Microsystems AK8818VG Datasheet HTML 7Page - Asahi Kasei Microsystems AK8818VG Datasheet HTML 8Page - Asahi Kasei Microsystems AK8818VG Datasheet HTML 9Page - Asahi Kasei Microsystems AK8818VG Datasheet HTML 10Page - Asahi Kasei Microsystems AK8818VG Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
ASAHI KASEI
[AK8817/18]
Rev.001E
7
2009 / 12
AK8817VQ/AK8818VQ
Pin#
Pin Name
I/O
Functional Outline
1
N.C.
-
For normal operation, left open.
2
N.C.
-
For normal operation, left open.
3
AVDD
P
Analog power supply pin.
4
IREF
O
IREF output pin. Connect this pin to Analog ground via a 12k ohm resistor
( better than +/- 1% accuracy ).
5
VREF
O
On-chip VREF output pin.
AVSS level is output on this pin at PDN = L.
Connect this pin to Analog Ground via a 0.1 uF or larger capacitor.
6
UD4
O
Test output pin. For normal operation, left open.
7
UD3
O
Test output pin. For normal operation, left open.
8
UD2
O
Test output pin. For normal operation, left open.
9
UD1
O
Test output pin. For normal operation, left open.
10
UD0
O
Test output pin. For normal operation, left open.
11
N.C.
-
For normal operation, left open.
12
N.C.
-
For normal operation, left open.
13
N.C.
-
For normal operation, left open.
14
CLKINV
I
Internal clock is inverted (internal operation timing edge is inverted.)
Connect to either DVDD or DGND.
15
CLKIN
I
Clock input pin.
Input a clock which is synchronized with data.
When to input 601 data : 27 MHz.
When to input square pixel data : 24.5454 MHz ( NTSC )/ 29.50 MHz ( PAL )
16
DVSS
G
Digital ground pin (digital core ground).
17
DVDD
P
Digital power supply pin (digital core power supply).
18
D7
I
Data Video Signal input pin (MSB).
Hi-Z input is acceptable to this pin at PDN = L.
19
D6
I
Data Video Signal input pin.
Hi-Z input is acceptable to this pin at PDN = L.
20
D5
I
Data Video Signal input pin.
Hi-Z input is acceptable to this pin at PDN = L.
21
D4
I
Data Video Signal input pin.
Hi-Z input is acceptable to this pin at PDN = L.
22
D3
I
Data Video Signal input pin.
Hi-Z input is acceptable to this pin at PDN = L.
23
D2 (17)
N.C. (18)
I
AK8817: Video Data Signal input pin.
Hi-Z input is acceptable to this pin at PDN = L.
AK8818:
N.C.
F
or normal operation, left open.
24
N.C.
-
For normal operation, left open.
25
N.C.
-
For normal operation, left open.
26
N.C. (17)
D2 (18)
I
AK8817: N.C.
F
or normal operation, left open.
AK8818: Video Data Signal input pin.
Hi-Z input is acceptable to this pin at PDN = L.
27
TEST
I
For normal operation, connect to ground.
28
D1
I
Data Video Signal input pin.
Hi-Z input is acceptable to this pin at PDN = L.
29
D0
I
Data Video Signal input pin (LSB).
Hi-Z input is acceptable to this pin at PDN = L.
30
PVDD
P
Power supply pin for chip pad.


Similar Part No. - AK8818VG

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8818VG AKM-AK8818VG Datasheet
401Kb / 43P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - AK8818VG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com