Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8180C Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK8180C
Description  2.5V, 3.3V LVCMOS 1:12 Clock Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8180C Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK8180C Datasheet HTML 1Page - Asahi Kasei Microsystems AK8180C Datasheet HTML 2Page - Asahi Kasei Microsystems AK8180C Datasheet HTML 3Page - Asahi Kasei Microsystems AK8180C Datasheet HTML 4Page - Asahi Kasei Microsystems AK8180C Datasheet HTML 5Page - Asahi Kasei Microsystems AK8180C Datasheet HTML 6Page - Asahi Kasei Microsystems AK8180C Datasheet HTML 7Page - Asahi Kasei Microsystems AK8180C Datasheet HTML 8Page - Asahi Kasei Microsystems AK8180C Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AK8180C
May-2011
MS1305-E-00
- 2 -
Pin Descriptions
Package: 32-Pin LQFP(Top View)
Pin No.
Pin Name
Pin
Type
Pullup
/down
Description
1
CLK_SEL
IN
--
Clock Input Select
2
CCLK
IN
PU
Clock Input (LVCMOS)
3
PCLKp
IN
PU
Clock Input (LVPECL)
4
PCLKn
IN
PU/PD Clock Input (LVPECL)
5
CLK_STOP
IN
PU
Clock Output Disable (Active low)
6
OE
IN
PU
Clock Output Enable (Disable=High impedance)
7
VDD
--
--
Power supply
8,
GND
--
--
Ground
9
Q11
OUT
--
Clock output
10
VDD
--
--
Power supply
11
Q10
OUT
--
Clock output
12
GND
--
--
Ground
PU: Pull up PD: Pull down
(continued on next page)


Similar Part No. - AK8180C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180B AKM-AK8180B Datasheet
669Kb / 12P
   2.5V, 3.3V LVCMOS 1:9 Clock Fanout Buffer
AK8180D AKM-AK8180D Datasheet
832Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180E AKM-AK8180E Datasheet
293Kb / 4P
   AK8180E Evaluation Board
More results

Similar Description - AK8180C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
Alliance Semiconductor ...
ASM2I99448 ALSC-ASM2I99448 Datasheet
594Kb / 15P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
PulseCore Semiconductor
PCS2I99448 PULSECORE-PCS2I99448 Datasheet
598Kb / 15P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
   3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
logo
Alliance Semiconductor ...
ASM2I99447 ALSC-ASM2I99447 Datasheet
565Kb / 14P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
PCS2I99447 PULSECORE-PCS2I99447 Datasheet
567Kb / 14P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
logo
Motorola, Inc
MPC9447 MOTOROLA-MPC9447 Datasheet
231Kb / 12P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com