Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7782 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK7782
Description  Dual Audio DSP with 24bit 5ch ADC & SRC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7782 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK7782 Datasheet HTML 3Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 4Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 5Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 9Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 10Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
[AK7782]
MS1337-E-00-PB
2011/11
- 7-
No. Pin Name
I/O
Function
Classification
21
LRCLKO
O
LR Channel Select Pin
Master mode: Outputs 1fs clock.
Slave mode: Outputs LRCLKI clock.
22
BITCLKO
O
Serial bit Clock Output Pin
Master mode: Outputs 64fs clock.
Slave mode: Outputs BITCLKI clock
System Clock
23
SDOUT1
O
DSP Serial Data Output Pin
Outputs “L” during initial reset.
The output data is selected by CONT7 D3, D2.
24
SDOUT2
O
DSP Serial Data Output Pin
Outputs “L” during initial reset.
The output data is selected by CONT7 D5, D4.
25
SDOUT3
O
DSP Serial Data Output Pin
Outputs “L” during initial reset.
The output data is selected by CONT7 D7, D6.
26
SDOUT4
O
DSP Serial Data Output Pin
Outputs “L” during initial reset.
The output data is selected by CONT6 D1, D0.
27
SDOUT5
O
DSP Serial Data Output Pin
Outputs “L” during initial reset.
The output data is selected by CONT6 D3, D2.
Digital Block
Serial Data Output
28
CLKO1
O
Clock Output Pin 1
Output frequency can be set by control registers.
Outputs “L” during initial reset.
Clock Output
29
DVDD
-
Power Supply Pin for Digital Block 3.3V (typ)
Digital Power
Supply
30
VSS3
-
Ground Pin 0V
31
DVDD18
-
Power Supply Pin for Digital Block 1.8V (typ)
Power Supply
32
SDIN2
I
DSP Serial Data Input Pin
Supports floating point input F24.4:
MSB 32-bit and 24-bit / LSB 24-bit, 20-bit and 16-bit.
Connect to VSS3 when this pin is not used.
33
SDIN3
I
DSP Serial Data Input Pin
Supports floating point input F24.4:
MSB 32-bit and 24-bit / LSB 24-bit, 20-bit and 16-bit.
Connect to VSS3 when this pin is not used.
34
SDIN4
I
DSP Serial Data Input Pin
Supports floating point input F24.4:
MSB 32-bit and 24-bit / LSB 24-bit, 20-bit and 16-bit.
Connect to VSS3 when this pin is not used.
Digital Block
Serial Data Input
35
SDIN5
I
DSP Serial Data Input Pin
Supports floating point input F24.4:
MSB 24-bit / LSB 24-bit, 20-bit and 16-bit.
Connect to VSS3 when this pin is not used.
Digital Block
Serial Data Input


Similar Part No. - AK7782

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
AK7780VQ AKM-AK7780VQ Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
More results

Similar Description - AK7782

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AK7738VQ AKM-AK7738VQ Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7738 AKM-AK7738 Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7734 AKM-AK7734 Datasheet
470Kb / 24P
   Audio DSP with 2-Channel ADC/SRC
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
AK4616VQ AKM-AK4616VQ Datasheet
814Kb / 46P
   24bit 3ch/5ch Audio CODEC with Mic Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com