Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD7754 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD7754
Description  Audio DSP with Stereo CODEC MIC/HP-AMP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD7754 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD7754 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD7754 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD7754 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD7754 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD7754 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD7754 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD7754 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD7754 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD7754 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
[AK7754]
MS1138-E-01-PB
5
2012/03
Ordering Guide
AK7754EN
-20
∼ +85°C
48pin QFN (0.5mm pitch)
AKD7754
Evaluation Board for AK7754
Pin Layout (TBD)
AK7754EN
Top View
SDA
SCL
CAD0
CAD1
LRCK2/JX0
BICK2/JX1
RDY/SDOUTM
RDY
SDIN2/JX2
SDOUT2
SDOUT1
CLKO
24
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
VSS4
VCOM
MPRF
MPWR
IN1R/IN2P
IN1L/IN1P
OUTL/OUTP
AVDD
IN2R/IN2N
IN2L/IN1N
IN3R/DMDAT
IN3L/DMCLK


Similar Part No. - AKD7754

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD7752 AKM-AKD7752 Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
AKD7756HFS AKM-AKD7756HFS Datasheet
453Kb / 27P
   DSP with Mono CODEC Mic/Lineout Amp
More results

Similar Description - AKD7754

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645EZ AKM-AK4645EZ Datasheet
968Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
AK4647 AKM-AK4647 Datasheet
547Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK7758VN AKM-AK7758VN Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4644 AKM-AK4644 Datasheet
805Kb / 96P
   Stereo CODEC with MIC/HP/RCV-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com