Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7734XQ Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK7734XQ
Description  Audio DSP with 2-Channel ADC/SRC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7734XQ Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK7734XQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK7734XQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK7734XQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK7734XQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK7734XQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK7734XQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK7734XQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK7734XQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK7734XQ Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
[AK7734]
MS1033-E-02-PB
7
2010/01
No.
Name
I/O
Function
Classification
23 BITCLKO
O Serial Bit Clock Output Pin
Outputs “L” during initial reset in master mode.
System Clock
Output
24 CLKO
O Clock Output Pin
Outputs “L” during initial reset.
Clock Output
25 STO
O
Status Output Pin
Outputs “H” during initial reset.
Status
SO
O
Serial Data Output Pin for Microprocessor Interface
Outputs “L” during initial reset.
Microprocessor
Interface
26
RDY
O
Data Write Ready Output Pin for Microprocessor Interface
Outputs RDY when SELRDY bit = “1”
Microprocessor
Interface
27 LRCLKI2
I LR Channel Select Clock Pin2 (for SRC)
System Clock
Input
28 BITCLKI2
I Serial Bit Clock Input Pin2 (for SRC)
System Clock
Input
JX2
I Conditional Jump Pin2
A conditional jump pin (JX2) is available by setting control register (JX2E)
to “1”.
Conditional Input
29
SDIN4
I
Serial Data Input Pin4
Normally used for SRC serial data input pin.
Digital Input
RQN
I
Microprocessor Interface Write Request Pin (I2CSEL pin = “L”)
When initial reset state and Microcomputer interface are not in use, leave
RQN pin= “H”.
Microprocessor
Interface
30
CAD1
I I2C Bus Address Setting Pin 1 (I2CSEL pin = “H”)
I2C
SI
I Serial Data Input Pin for Microprocessor Interface (I2CSEL pin = “L”)
When SI is not used, tie the SI pin = “L”.
Microprocessor
Interface
31
CAD0
I I2C Bus Address Setting Pin 0 (I2CSEL pin = “H”)
I2C
O I2CSEL pin = “L”
Leave this pin Open. SDA outputs “L”.
Open
32 SDA
I/O I2C Bus Data Clock Pin (I2CSEL pin = “H”)
Outputs “Hi-z” during initial reset.
I2C
SCLK
I Serial Data Clock Pin for Microprocessor Interface (I2CSEL pin = “L”)
When SCLK is not used, tie the SCLK pin = “H”.
Microprocessor
Interface
33
SCL
I I2C Bus Data Clock Pin (I2CSEL pin = “H”)
I2C
34 DVDD
-
Power Supply for Digital Section 3.0V ~ 3.6V
Digital
Power Supply
35 VSS3
- Ground Pin 0V
Power Supply
36 AVDRV
O AVDRV Pin
Connect a 1
μF capacitor between this pin and No.35 pin (VSS3). No
external circuits should be connected to this pin. This pin outputs “L”
during initial reset.
Analog Output
37 SRCLFLT
O SRC, PLL RC component connect pin
Connect a 1
μF capacitor between this pin and VSS4. This pin outputs “L”
during initial reset.
Analog Output
38 VSS4
- Ground Pin 0V
Power Supply
39 DVDD
-
Power Supply for Digital Section 3.0V ~ 3.6V
Digital
Power Supply
40 CKM[3]
I Clock Mode Select Pin3
Mode Select
41 SETSRC
I PLL Reference Clock Select Pin for SRC
Mode Select
42 TESTI2
I Test2 Pin (Internal pull-down)
This pin must be connected to VSS.
Test
43 AINR
I ADC Single-ended Input Pin for Rch
Analog Input


Similar Part No. - AK7734XQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7730A AKM-AK7730A Datasheet
418Kb / 62P
   24bit 2ch adc
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735EQ AKM-AK7735EQ Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7736AVQ AKM-AK7736AVQ Datasheet
784Kb / 21P
   2Ch SRC ?낁뵷 Audio/HF DSP
More results

Similar Description - AK7734XQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK7736B AKM-AK7736B Datasheet
1Mb / 22P
   Audio/HF DSP with 2Ch SRC
AK7736BVQ AKM-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP with 2Ch SRC
AK7738 AKM-AK7738 Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7738VQ AKM-AK7738VQ Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7736AVQ AKM-AK7736AVQ Datasheet
784Kb / 21P
   2Ch SRC ?낁뵷 Audio/HF DSP
AK7746 AKM-AK7746 Datasheet
397Kb / 62P
   Audio DSP with 5-channel 24-bit ADC and Input Mux
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
   Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
   Multi Core DSP with SRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com