Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5602A Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK5602A
Description  Energy Metering LSI for multi phase, high accurate application
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5602A Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK5602A Datasheet HTML 2Page - Asahi Kasei Microsystems AK5602A Datasheet HTML 3Page - Asahi Kasei Microsystems AK5602A Datasheet HTML 4Page - Asahi Kasei Microsystems AK5602A Datasheet HTML 5Page - Asahi Kasei Microsystems AK5602A Datasheet HTML 6Page - Asahi Kasei Microsystems AK5602A Datasheet HTML 7Page - Asahi Kasei Microsystems AK5602A Datasheet HTML 8Page - Asahi Kasei Microsystems AK5602A Datasheet HTML 9Page - Asahi Kasei Microsystems AK5602A Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
[AK5602A]
MS1285-E-00
2011/02
- 6 -
Pin
Number
Pin
Name
Type
Function
8
DVSS
GND
Digital ground.
9
DVDD
PWR
Digital power.
10
TPO
DO
Negative active energy pulse output.
“H” pulse is output when accumulated negative active power
value is over the setting standard value.
This pin becomes inoperative when RST = “L” or STBY =
“L” or DIS = “L”.
11
TPST
DO
Negative active power flag output.
“H’ level is output when an interval of output pulses at TPO
is under the setting starting value.
This pin becomes inoperative when RST = “L” or STBY
= “L” or DIS = “L”.
12
TEST1
DI
Internal use only. Connects to DVSS.
13
RPO
DO
Positive active energy pulse output
“H” pulse is output when accumulated positive active power
value is over the setting standard value.
This pin becomes inoperative when RST = “L” or STBY =
“L” or DIS = “L”.
14
RPST
DO
Positive active power flag output.
“H” level is output when an interval output pulses at RPO is
under the setting starting value.
This pin becomes inoperative when RST = “L” or STBY =
“L” or DIS = “L”.
15
TEST2
DI
Internal use only. Connects to DVSS.
16
TEST3
DI
Internal use only. Connects to DVSS.
17
BVSS
GND
Silicon base reference GND. Connects AVSS.
18
XOUT
AO
19
XIN
AI
Crystal oscillator connection.
Connects 12.8 MHz oscillator.
20
AVDD
PWR
Analog power.
21
AVSS
GND
Analog ground.
22
VREFO
AO
Reference voltage output, 1.17V
It outputs with the reference to AVSS. This output usually
connects to VREFI pin. Connects 4.7uF (under 10uF)
electrolytic capacitor and 0.1uF ceramic capacitor between
this pin and AGND. This output is an internal use only and
should not be connected to circuits outside the IC.


Similar Part No. - AK5602A

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AK56 ALTECH-AK56 Datasheet
319Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 56
AK561 ALTECH-AK561 Datasheet
391Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 561
logo
ACCUTEK MICROCIRCUIT CO...
AK56D600-MLF.5mm8X8 ACCUTEK-AK56D600-MLF.5mm8X8 Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, CLCC DIP Adapters
AK56D600-QFN/MLP8X8 ACCUTEK-AK56D600-QFN/MLP8X8 Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, CLCC DIP Adapters
AK56D600-QSOP ACCUTEK-AK56D600-QSOP Datasheet
174Kb / 4P
   Quarter Size Small Outline Package QSOP DIP Adapters
More results

Similar Description - AK5602A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7754 AD-ADE7754 Datasheet
630Kb / 44P
   Poly-phase Multi-Function Energy Metering IC with Serial Port
REV. PrG 01/03
logo
Sames
PM9603AP SAMES-PM9603AP Datasheet
142Kb / 18P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9103AP SAMES-PM9103AP Datasheet
113Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9105AF SAMES-PM9105AF Datasheet
112Kb / 10P
   THREE PHASE POWER/ENERGY METERING MODULE
PM96045AP SAMES-PM96045AP Datasheet
542Kb / 14P
   THREE PHASE POWER/ENERGY METERING MODULE
PM9105AP SAMES-PM9105AP Datasheet
111Kb / 10P
   THREE PHASE POWER/ENERGY METERING MODULE
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
   Three Phase Multifunction Energy Metering IC
SA4305A SAMES-SA4305A Datasheet
528Kb / 15P
   Three Phase Bidirectional Energy Metering IC
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
   Programmable single phase energy metering IC
logo
Sames
PM9102AP SAMES-PM9102AP Datasheet
103Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com