Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4753 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4753
Description  2-in, 4-out CODEC with DSP Functions
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4753 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4753 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4753 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4753 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4753 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4753 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4753 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4753 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4753 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4753 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
[AK4753]
MS1311-E-00
2011/07
- 6 -
ABSOLUTE MAXIMUM RATINGS
(All VSS pins =0V; Note 2)
Parameter
Symbol
min
max
Units
Power Supplies:
Analog
Digital
AVDD
DVDD
-0.3
-0.3
4.2
4.2
V
V
Analog Input Voltage
(Note 3)
VINA1
-0.3
AVDD+0.3
V
Digital Input Voltage
(Note 4)
VIND
-0.3
DVDD+0.3
V
Input Current, Any Pin Except Supplies
IIN
-10
+10
mA
Ambient Operating Temperature
Ta
-30
85
°C
Storage Temperature
Tstg
-65
150
°C
Note 2. All voltage with respect to ground. All VSS pins must be connected to the common analog ground.
Note 3. AINL pin, AINR pin, SAIN1 pin, SAIN2 pin.
Note 4. BYPASS, PDN, EESDA, XTI/MCKI, BICK, LRCK, SDTI, SCL, SDA, TEST pins
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not
guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(All VSS pins =0V; Note 2)
Parameter
Symbol
min
typ
max
Units
Power Supplies (Note 5)
Analog
Digital
Difference
AVDD
DVDD
|DVDD-AVDD|
3.0
3.0
-
3.3
3.3
0
3.6
3.6
0.3
V
V
V
Note 5. The power up sequence between AVDD and DVDD is not critical. Each power supplies should be powered up
during the PDN pin = “L”. AVDD and DVDD must be the same voltage at the PDN pin = “H”. The PDN pin
should be “H” after all power supplies are powered up. All power supplies should be powered on, only a part
of these power supplies cannot be powered off. (Power off means power supplies equal to ground or power
supplies are floating.) Do not turn off only the AK4753 under the condition that a surrounding device is
powered on and the I2C bus is in use.
WARNING: AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4753

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
AK4702EQ AKM-AK4702EQ Datasheet
481Kb / 39P
   2ch DAC with AV SCART switch
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AK4703VQ AKM-AK4703VQ Datasheet
342Kb / 38P
   AV SCART switch
AK4704 AKM-AK4704 Datasheet
432Kb / 44P
   2ch 24bit DAC with AV SCART switch
More results

Similar Description - AK4753

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
CS4244 CIRRUS-CS4244 Datasheet
1Mb / 63P
   4 In/4 Out Audio CODEC with PCM and TDM Interfaces
CS4234 CIRRUS-CS4234 Datasheet
1Mb / 79P
   4 In/5 Out CODEC with Programmable Class H Controller
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
CS42406 CIRRUS-CS42406 Datasheet
986Kb / 50P
   24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
CS42888 CIRRUS-CS42888 Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888 CIRRUS-CS42888_07 Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
CS4207 CIRRUS-CS4207 Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
CS4207-CNZ CIRRUS-CS4207-CNZ Datasheet
923Kb / 148P
   Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
logo
Texas Instruments
SN74V245-EP TI1-SN74V245-EP Datasheet
401Kb / 42P
[Old version datasheet]   DSP-SYNC FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com