Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4706 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4706
Description  2ch 24bit DAC with AV Switch & HD/SD Video Filter
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4706 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4706_10 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4706_10 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4706_10 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4706_10 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4706_10 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4706_10 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4706_10 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4706_10 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4706_10 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
[AK4706]
MS0507-E-01
2010/09
- 9 -
INTERNAL EQUIVALENT CIRCUITS
Pin No.
Pin Name
Type
Equivalent Circuit
Description
52
53
54
55
56
58
MCLK
BICK
SDTI
LRCK
SCL
PDN
Digital IN
(DAPD="0")
Analog IN
(DAPD="1")
VD2
200
VSS2
(60k)
The 60k
Ω is attached
only for BICK pin and
LRCK pin.
57
SDA
Digital I/O
VD2
VSS2
200
I2C Bus voltage must
not exceed VD2.
33
INT
Digital OUT
VSS1
VVD1
Normally connected to
VVD1(5V) through
10k
Ω resistor
externally.
5
6
7
8
10
12
13
14
RFV
VCROUT
TVFB
VCRC
TVVOUT
TVRC
TVG
TVB
Video OUT
VVD1
VVSS1
VVD2
VVSS2
1
2
3
HDY
HDPR
HDPB
Video OUT
VVD4
VVSS4
VVD3
VVSS3
16
REFI
REFI IN
VVD1
VVSS1
200
Normally connected to
VVD1 through a 10k
Ω
±1% resistor.


Similar Part No. - AK4706_10

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4706VQ AKM-AK4706VQ Datasheet
582Kb / 53P
   2ch 24bit DAC with AV Switch & HD/SD Video Filter
More results

Similar Description - AK4706_10

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4706 AKM-AK4706 Datasheet
582Kb / 53P
   2ch 24bit DAC with AV Switch & HD/SD Video Filter
AK4705 AKM-AK4705 Datasheet
679Kb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4705VQ AKM-AK4705VQ Datasheet
1Mb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4704 AKM-AK4704 Datasheet
432Kb / 44P
   2ch 24bit DAC with AV SCART switch
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
AKD4705-A AKM-AKD4705-A Datasheet
434Kb / 42P
   2ch DAC with AV SCART switch
AKD4706-A AKM-AKD4706-A Datasheet
549Kb / 34P
   2ch DAC with AV SCART switch
AK4702EQ AKM-AK4702EQ Datasheet
481Kb / 39P
   2ch DAC with AV SCART switch
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com