Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4686 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK4686
Description  Multi-channel CODEC with Capless Stereo Selector
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4686 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK4686 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4686 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4686 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4686 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4686 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4686 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4686 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4686 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4686 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
[AK4686]
MS1243-E-01
2010/10
- 10 -
Parameter
Symbol
min
typ
max
Units
Audio Interface Timing (Slave Mode)
PORT1(DAC1), PORT2 (DAC2)
BICK1, 2 Period
BICK1, 2 Pulse Width Low
Pulse Width High
LRCK1, 2 Edge to BICK1, 2 “
↑” (Note 11)
BICK1, 2 “
↑” to LRCK1, 2 Edge (Note 11)
SDTI1, 2 Hold Time
SDTI1, 2 Setup Time
tBCK
tBCKL
tBCKH
tLRB
tBLR
tSDH
tSDS
81
32
32
20
20
10
10
ns
ns
ns
ns
ns
ns
ns
PORT1 (ADC)
BICK1 Period
BICK1 Pulse Width Low
Pulse Width High
LRCK1 Edge to BICK1 “
↑” (Note 11)
BICK1 “
↑” to LRCK1 Edge (Note 11)
LRCK1 to SDTO1 (MSB)
BICK1 “
↓” to SDTO1
tBCK
tBCKL
tBCKH
tLRB
tBLR
tLRS
tBSD
324
128
128
80
80
80
80
ns
ns
ns
ns
ns
ns
ns
Audio Interface Timing (Master Mode)
BICK1 Frequency
BICK1 Duty
BICK1 “
↓” to LRCK1 Edge
BICK1 “
↓” to SDTO1
SDTI1 Hold Time
SDTI1 Setup Time
fBCK
dBCK
tMBLR
tBSD
tSDH
tSDS
-20
25
10
64fs
50
20
20
Hz
%
ns
ns
ns
ns
Control Interface Timing (I2C Bus):
SCL Clock Frequency
Bus Free Time Between Transmissions
Start Condition Hold Time
(prior to first clock pulse)
Clock Low Time
Clock High Time
Setup Time for Repeated Start Condition
SDA Hold Time from SCL Falling (Note 12)
SDA Setup Time from SCL Rising
Rise Time of Both SDA and SCL Lines
Fall Time of Both SDA and SCL Lines
Setup Time for Stop Condition
Pulse Width of Spike Noise Suppressed by Input Filter
Capacitive load on bus
fSCL
tBUF
tHD:STA
tLOW
tHIGH
tSU:STA
tHD:DAT
tSU:DAT
tR
tF
tSU:STO
tSP
Cb
-
1.3
0.6
1.3
0.6
0.6
0
0.1
-
-
0.6
-
0
400
-
-
-
-
-
-
-
0.3
0.3
-
50
400
kHz
μs
μs
μs
μs
μs
μs
μs
μs
μs
μs
ns
pF
Note 11. BICK rising edge must not occur at the same time as LRCK edge.
Note 12. Data must be held for sufficient time to bridge the 300 ns transition time of SCL.
Note 13. I2C-bus is a trademark of NXP B.V.


Similar Part No. - AK4686

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4682 AKM-AK4682 Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4682EQ AKM-AK4682EQ Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683 Datasheet
1Mb / 55P
   24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
AK4683 AKM-AK4683 Datasheet
980Kb / 83P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
More results

Similar Description - AK4686

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4687 AKM-AK4687 Datasheet
491Kb / 36P
   Asynchronous Stereo CODEC with Capless Stereo Selector
AK4682 AKM-AK4682 Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4688EN AKM-AK4688EN Datasheet
629Kb / 36P
   Asynchronous Stereo CODEC with Capless Line I/O
logo
Dialog Semiconductor
DA9055 DIALOG-DA9055 Datasheet
769Kb / 3P
   2 Channel buck PMIC & Audio codec with capless
logo
List of Unclassifed Man...
STAC9721 ETC1-STAC9721 Datasheet
394Kb / 48P
   Stereo AC 97 Codec With Multi-Codec Option
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
   Multi-Channel AC97 Codec With Multi-Codec Option
logo
Asahi Kasei Microsystem...
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
logo
Texas Instruments
TPA4411 TI-TPA4411 Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com