Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4686 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4686
Description  Multi-channel CODEC with Capless Stereo Selector
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4686 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4686 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4686 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4686 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4686 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4686 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4686 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4686 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4686 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4686 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
[AK4686]
MS1243-E-01
2010/10
- 1 -
GENERAL DESCRIPTION
The AK4686 is a single chip audio CODEC that includes one stereo ADC and two stereo DACs in addition
to the input selector and the line drivers. The interfaces of ADC/DAC can accept up to 24bit input data and
support asynchronous operation. Both the input stereo selector and output drivers support ground
reference I/O to remove AC-coupling capacitors and reducing external parts. The AK4686 has a dynamic
range of 96dB for ADC, 100dB for DAC, and it is well suitable for digital TV and Home theater systems.
FEATURES
Asynchronous Operation between Port 1(ADC and DAC1) and Port 2 (DAC2)
6:1 Capless Stereo Line Input Selector
24bit Stereo ADC
- 64x Oversampling
- Sampling Rate up to 48kHz
- Linear Phase Digital Anti-Alias Filter
- S/(N+D): 88dB
- Dynamic Range, S/N: 96dB
- Digital HPF for Offset Cancellation
24bit Two Stereo DAC
- 128x Oversampling
- Sampling Rate up to 192kHz
- 24bit 8 times Digital Filter
- S/(N+D): 88dB
- Dynamic Range, S/N: 100dB
- De-emphasis Filter
- Analog Soft Mute
High Jitter Tolerance
TTL Level Digital I/F
External Master Clock Input:
256fs, 384fs, 512fs 768fs (fs=32kHz
∼ 48kHz)
128fs, 192fs, 256fs 384fs (fs=64kHz
∼ 96kHz)
128fs, 192fs (fs=128kHz ~ 192kHz)
2 Audio Serial I/F (PORT1, PORT2)
- Master/Slave mode (PORT1)
- I/F format
PORT2: MSB, LSB justified (16/24 bit), I2S
PORT1: MSB, LSB justified (16/24 bit), I2S
I
2C Bus μP I/F for mode setting
Operating Voltage:
- Digital I/O: 3.0V
∼ 3.6V
- Charge Pump: 3.0V
∼ 3.6V
- Analog: 3.0V
∼ 3.6V
Package: 48pinLQFP
AK4686
Multi-channel CODEC with Capless Stereo Selector


Similar Part No. - AK4686

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4682 AKM-AK4682 Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4682EQ AKM-AK4682EQ Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683 Datasheet
1Mb / 55P
   24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
AK4683 AKM-AK4683 Datasheet
980Kb / 83P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
More results

Similar Description - AK4686

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4687 AKM-AK4687 Datasheet
491Kb / 36P
   Asynchronous Stereo CODEC with Capless Stereo Selector
AK4682 AKM-AK4682 Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4688EN AKM-AK4688EN Datasheet
629Kb / 36P
   Asynchronous Stereo CODEC with Capless Line I/O
logo
Dialog Semiconductor
DA9055 DIALOG-DA9055 Datasheet
769Kb / 3P
   2 Channel buck PMIC & Audio codec with capless
logo
List of Unclassifed Man...
STAC9721 ETC1-STAC9721 Datasheet
394Kb / 48P
   Stereo AC 97 Codec With Multi-Codec Option
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
   Multi-Channel AC97 Codec With Multi-Codec Option
logo
Asahi Kasei Microsystem...
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
logo
Texas Instruments
TPA4411 TI-TPA4411 Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com