Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4683 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK4683
Description  Asynchronous Multi-Channel Audio CODEC with DIR/T
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4683 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK4683 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
[AK4683]
MS0427-E-03
2010/09
- 2 -
DIR/DIT Part
- AES3, IEC60958, S/PDIF, EIAJ CP1201 Compatible
- Low jitter Analog PLL
- PLL Lock Range : 32kHz to 192kHz
- Clock Source: PLL or X'tal
- 4-channel Receiver input
- 1-channel Transmission output (Through output or DIT)
- Auxiliary digital input
- De-emphasis for 32kHz, 44.1kHz, 48kHz and 96kHz
- Detection Functions
• Non-PCM Bit Stream Detection
• DTS-CD Bit Stream Detection
• Sampling Frequency Detection
(32kHz, 44.1kHz, 48kHz, 88.2kHz, 96kHz, 176.4kHz, 192kHz)
• Unlock & Parity Error Detection
• Validity Flag Detection
- Up to 24bit Audio Data Format
- 40-bit Channel Status Buffer
- Burst Preamble bit Pc and Pd Buffer for Non-PCM bit stream
- Q-subcode Buffer for CD bit stream
TTL Level Digital I/F
External Master Clock Input:
- 256fs, 384fs, 512fs (fs=32kHz
∼ 48kHz)
- 128fs, 192fs, 256fs (fs=64kHz
∼ 96kHz)
- 128fs (fs=120kHz
∼ 192kHz)
Master Clock Output: 128fs/256fs/384fs/512fs
2 Audio Serial I/F (PORTA, PORTB)
- Master/Slave mode
- I/F format
PORTA: Left/Right(20/24 bit) justified, I
2S, TDM
PORTB: Left/Right(20/24 bit) justified, I
2S
4-wire Serial and I
2C Bus
μP I/F for mode setting
Operating Voltage: 4.5 to 5.5V
Power Supply for output buffer: 2.7 to 5.5V
64pin LQFP Package (0.5mm pitch)


Similar Part No. - AK4683

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683 Datasheet
1Mb / 55P
   24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
AK4683EQ AKM-AK4683EQ Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683EQ AKM-AK4683EQ Datasheet
1Mb / 84P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683_07 Datasheet
1Mb / 84P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
More results

Similar Description - AK4683

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4683 AKM-AK4683_07 Datasheet
1Mb / 84P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
AK4589 AKM-AK4589_1 Datasheet
815Kb / 76P
   2/8-Channel Audio CODEC with DIR
AK4589 AKM-AK4589 Datasheet
797Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK4588 AKM-AK4588 Datasheet
787Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
AK7770 AKM-AK7770 Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com