Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4646 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD4646
Description  Stereo CODEC with MIC/SPK-AMP
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4646 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD4646 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 81 page
background image
[AK4646]
MS0557-E-05
2011/01
- 3 -
Ordering Guide
AK4646EN
−30 ∼ +85°C
32pin QFN (0.5mm pitch)
AK4646EZ
−30 ∼ +85°C
32pin QFN (0.4mm pitch)
AKD4646
Evaluation board for AK4646
Pin Layout
AK4646EN/EZ
NC
ROUT
LOUT
MIN
RIN2 / IN2
LIN2 / IN2+
LIN1 / IN1
RIN1 / IN1+
DVSS
DVDD
BICK
LRCK
SDTO
SDTI
CDTIO
CCLK
AK4646
Top View
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9


Similar Part No. - AKD4646

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4646 AKM-AKD4646 Datasheet
822Kb / 79P
   Stereo CODEC with MIC/SPK-AMP
AKD4646 AKM-AKD4646 Datasheet
842Kb / 78P
   Stereo CODEC with MIC/SPK-AMP
AKD4646-B AKM-AKD4646-B Datasheet
576Kb / 30P
   Stereo CODEC with built-in MIC/SPK amplifier
More results

Similar Description - AKD4646

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4646 AKM-AK4646 Datasheet
822Kb / 79P
   Stereo CODEC with MIC/SPK-AMP
AK4646EZ AKM-AK4646EZ Datasheet
842Kb / 78P
   Stereo CODEC with MIC/SPK-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4675 AKM-AK4675 Datasheet
2Mb / 178P
   Stereo CODEC with MIC/RCV/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4954AEN AKM-AK4954AEN Datasheet
569Kb / 26P
   32bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com