Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4636 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AKD4636
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4636 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AKD4636 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4636 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4636 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4636 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4636 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4636 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4636 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4636 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4636 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 105 page
background image
[AK4636]
MS1012-E-01
2010/08
- 10 -
Parameter
min
typ
max
Units
Speaker-Amp Characteristics: DAC
SPP/SPN pins, ALC2 bit = “0”, RL=8Ω, BTL, SVDD=3.3V
SPKG1-0 bits = “00” (-4.1dBFS)
2.54
3.17
3.80
Vpp
Output Voltage
(Note 10)
SPKG1-0 bits = “01” (-4.1dBFS)
3.20
4.00
4.80
Vpp
When output 150mW
40
60
-
dB
S/(N+D)
When output 400mW
-
20
-
dB
SPKG1-0 bits = “00”
-
-84
-
dBV
SPKG1-0 bits = “01”
-
-82
-72
dBV
Output Noise
Level
SPKG1-0 bits = “10”
-
-80
-
dBV
Load Resistance
8
-
-
Ω
Load Capacitance
-
-
30
pF
BEEP Input: BEEP pin, Internal Resistance mode (BPM1-0 bits = “01”)
Input Resistance
23
33
43
k
Ω
Maximum Input Voltage
-
1.50
-
Vpp
Output Voltage (Input Voltage=0.5Vpp)
BEEP
SPP/SPN
(BPLVL 2-0 bits = 0H)
(SPKG1-0 bits = “00”)
1.35
1.69
2.03
Vpp
BEEP
AOUT
(BPLVL 2-0 bits = 0H)
(LOVL bit = “0”)
0.40
0.50
0.60
Vpp
BEEP Input: BEEP pin, External Resistance mode (BPM1-0 bits = “10”) Input Resistance= 33k
Ω
Maximum Input Voltage (Note 11)
-
1.50
-
Vpp
Output Voltage (Input Voltage=0.5Vpp)
BEEP
SPP/SPN
(BPLVL 2-0 bits = 0H)
(SPKG1-0 bits = “00”)
-
1.69
-
Vpp
BEEP
AOUT
(BPLVL 2-0 bits = 0H)
(LOVL bit = “0”)
-
0.50
-
Vpp
Video Signal Input:
Maximum Input Voltage (Note 12), (GCA = 0dB)
-
1.2
-
Vpp
Pull Down Current
-
1
-
μA
Video Signal Output:
Output Gain (Note 13)
VIN=100kHz (GCA = 0dB)
5.3
6.0
6.7
dB
Maximum Output Voltage (Note 13)
2.4
-
-
Vpp
Output Clamp Voltage (Note 13)
-
50
100
mV
S/N (Note 13)
100kH
∼ 6MHz (GCA = 0dB)
-
66
-
dB
Secondary harmonic distortion (Note 13, Note 14)
VIN = 3.58MHz, 0.2Vpp (GCA = 0dB, Sin Wave)
-
−42
-
dB
Load Resistance
140
150
-
Ω
Load Capacitance
CL1 (Figure 3)
CL2 (Figure 3)
-
-
-
-
15
400
pF
pF
LPF: (Note 13, Note 14)
Frequency Response
Response at 6.75MHz
-3.0
−0.5
-
dB
Input=0.2Vpp, Sin Wave
(0dB at 100kHz)
Response at 27MHz
-
−40
−20
dB
Frequency Responce
Response at 6.75MHz
-
−0.5
-
dB
Input=0.2Vpp, Sin Wave
(+6dB at 100kHz)
Response at 27MHz
-
−40
-
dB
Group Delay
|GD3MHz
−GD6MHz|
-
10
100
ns
GCA Characteristics:
Step Width
GCA =
−1.0dB ∼ +10.5dB
0.1
0.5
0.9
dB


Similar Part No. - AKD4636

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4631 AKM-AKD4631 Datasheet
1Mb / 43P
   AK4631-VN Evaluation board Rev.0
AKD4631 AKM-AKD4631 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AKD4631-VN AKM-AKD4631-VN Datasheet
1Mb / 43P
   AK4631-VN Evaluation board Rev.0
AKD4631-VN AKM-AKD4631-VN Datasheet
468Kb / 44P
   16bit mono CODEC with MIC/SPK amplifier.
AKD4632 AKM-AKD4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
More results

Similar Description - AKD4636

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4635 AKM-AK4635 Datasheet
980Kb / 81P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com