Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4646EZ Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4646EZ
Description  Stereo CODEC with MIC/SPK-AMP
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4646EZ Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4646EZ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4646EZ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4646EZ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4646EZ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4646EZ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4646EZ Datasheet HTML 10Page - Asahi Kasei Microsystems AK4646EZ Datasheet HTML 11Page - Asahi Kasei Microsystems AK4646EZ Datasheet HTML 12Page - Asahi Kasei Microsystems AK4646EZ Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
[AK4646]
MS0557-E-05
2011/01
- 9 -
Parameter
min
typ
max
Units
DAC Characteristics:
Resolution
-
-
16
Bits
Stereo Line Output Characteristics: DAC
→ LOUT, ROUT pins, ALC=OFF, OVOL=0dB,
LOVL1-0 bit = “00”, RL=10kΩ
Output Voltage (Note 17)
LOVL1-0 bit = “00”
1.78
1.98
2.18
Vpp
LOVL1-0 bit = “01”
2.25
2.50
2.75
Vpp
S/(N+D)
(
−3dBFS)
78
88
-
dBFS
S/N
(A-weighted)
82
92
-
dB
Interchannel Isolation
85
100
-
dB
Interchannel Gain Mismatch
-
0.1
0.8
dB
Load Resistance
10
-
-
k
Ω
Load Capacitance
-
-
30
pF
Speaker-Amp Characteristics: DAC
→ SPP/SPN pins, ALC=OFF, OVOL=0dB, R
L=8Ω, BTL, SVDD=3.3V
Output Voltage (Note 18)
SPKG1-0 bits = “00”,
−0.5dBFS (Po=150mW)
-
3.18
-
Vpp
SPKG1-0 bits = “01”,
−0.5dBFS (Po=250mW)
3.20
4.00
4.80
Vpp
SPKG1-0 bits = “10”,
−0.5dBFS (Po=400mW)
-
1.79
-
Vrms
S/(N+D)
SPKG1-0 bits = “00”,
−0.5dBFS (Po=150mW)
-
60
-
dB
SPKG1-0 bits = “01”,
−0.5dBFS (Po=250mW)
20
50
-
dB
SPKG1-0 bits = “10”,
−0.5dBFS (Po=400mW)
-
20
-
dB
S/N
(A-weighted)
80
90
-
dB
Load Resistance
8
-
-
Ω
Load Capacitance
-
-
30
pF
Note 17. Output voltage is proportional to AVDD voltage.Vout = 0.6 x AVDD (typ)@LOVL bit = “0”.
Note 18. Output voltage is proportional to AVDD voltage.
When the DAC input is -0.5dBFS in Full-differential mode, Vout = 0.96 x AVDD (typ)@SPKG1-0 bits = “00”,
1.21 x AVDD (typ)@SPKG1-0 bits = “01”, 1.52 x AVDD (typ)@SPKG1-0 bits = “10”, 1.92 x AVDD
(typ)@SPKG1-0 bits = “11”


Similar Part No. - AK4646EZ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4646EZ AKM-AK4646EZ Datasheet
842Kb / 78P
   Stereo CODEC with MIC/SPK-AMP
More results

Similar Description - AK4646EZ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4646 AKM-AK4646 Datasheet
822Kb / 79P
   Stereo CODEC with MIC/SPK-AMP
AK4646EZ AKM-AK4646EZ Datasheet
842Kb / 78P
   Stereo CODEC with MIC/SPK-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4675 AKM-AK4675 Datasheet
2Mb / 178P
   Stereo CODEC with MIC/RCV/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4954AEN AKM-AK4954AEN Datasheet
569Kb / 26P
   32bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com