Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4613 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AKD4613
Description  4/12-Channel Audio CODEC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4613 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AKD4613 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4613 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4613 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4613 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4613 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4613 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4613 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4613 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4613 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
[AK4613]
MS1052-E-02
2010/03
- 10 -
ANALOG CHARACTERISTICS
(Ta=25
°C; AVDD1=AVDD2=TVDD1=TVDD2=3.3V, DVDD =1.8V; VSS1=VSS2=0V; VREFH1=AVDD1,
VREFH2=AVDD2; fs=48kHz; BICK=64fs; Signal Frequency=1kHz; 24bit Data; Measurement
Frequency=20Hz
∼20kHz at 48kHz, 20Hz~40kHz at fs=96kHz, 20Hz~40kHz at fs=192kHz; unless otherwise specified)
Parameter
min
typ
max
Units
ADC Analog Input Characteristics (single inputs)
Resolution
24
Bits
-1dBFS
84
92
dB
fs=48kHz
BW=20kHz
-60dBFS
40
-1dBFS
83
91
dB
fs=96kHz
BW=40kHz
-60dBFS
37
-1dBFS
91
S/(N+D)
fs=192kHz
BW=40kHz
-60dBFS
37
DR
(-60dBFS with A-weighted)
95
103
dB
S/N
(A-weighted)
95
103
dB
Interchannel Isolation
90
110
dB
Interchannel Gain Mismatch
0.1
0.5
dB
Gain Drift
40
-
ppm/
°C
Input Voltage
AIN=0.65xVREFH1
1.94
2.15
2.37
Vpp
Input Resistance
7
9
k
Ω
Power Supply Rejection
(Note 7)
50
dB
ADC Analog Input Characteristics (differential inputs)
-1dBFS
88
97
dB
fs=48kHz
BW=20kHz
-60dBFS
40
dB
-1dBFS
86
94
fs=96kHz
BW=40kHz
-60dBFS
37
-1dBFS
94
S/(N+D)
fs=192kHz
BW=40kHz
-60dBFS
37
DR
(-60dBFS with A-weighted)
96
104
dB
S/N
(A-weighted)
96
104
dB
Interchannel Isolation
90
110
dB
Interchannel Gain Mismatch
0.1
0.5
dB
Gain Drift
40
-
ppm/
°C
Input Voltage
AIN=0.65xVREFH1
(Note 8)
±1.94
±2.15
±2.37
Vpp
Input Resistance
11
13
k
Ω
Power Supply Rejection
(Note 7)
50
dB
Common Mode Rejection Ratio (CMRR)
(Note 9)
74
dB
DAC Analog Output Characteristics (single outputs)
Resolution
24
Bits
0dBFS
84
94
dB
fs=48kHz
BW=20kHz
-60dBFS
44
0dBFS
86
92
fs=96kHz
BW=40kHz
-60dBFS
41
0dBFS
92
S/(N+D)
fs=192kHz
BW=40kHz
-60dBFS
41
DR
(-60dBFS with A-weighted)
97
105
dB
S/N
(A-weighted)
97
105
dB
Interchannel Isolation
90
110
dB
Interchannel Gain Mismatch
0.1
0.5
dB
Gain Drift
20
-
ppm/
°C
Output Voltage
AOUT=0.63xVREFH2
1.87
2.08
2.29
Vpp
Load Resistance
(AC Load)
5
k
Ω
Load Capacitance
30
pF
Power Supply Rejection
(Note 7)
50
dB


Similar Part No. - AKD4613

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4611 AKM-AKD4611 Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AKD4614 AKM-AKD4614 Datasheet
1Mb / 69P
   6/12-Channel Audio CODEC
More results

Similar Description - AKD4613

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4614 AKM-AK4614 Datasheet
1Mb / 69P
   6/12-Channel Audio CODEC
AK4611 AKM-AK4611 Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
logo
Realtek Semiconductor C...
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
   Multi-Channel Audio Hub/CODEC
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
logo
Realtek Semiconductor C...
ALC5645 REALTEK-ALC5645 Datasheet
1Mb / 188P
   Multi-Channel Audio Hub/CODEC
ALC5642 REALTEK-ALC5642 Datasheet
1Mb / 156P
   Multi-Channel Audio Hub/CODEC
logo
Asahi Kasei Microsystem...
AK7770 AKM-AK7770 Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com