Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4627VQ Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4627VQ
Description  High Performance Multi-channel Audio CODEC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4627VQ Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4627VQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK4627VQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4627VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4627VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4627VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4627VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4627VQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4627VQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK4627VQ Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
[AK4627]
MS1278-E-02
2012/03
- 7 -
ANALOG CHARACTERISTICS
(Ta=25
°C; AVDD=DVDD=TVDD=5V; VSS1=VSS2=0V; VREFH=AVDD; fs=48kHz; BICK=64fs;
Signal Frequency=1kHz; 24bit Data; Measurement Frequency=20Hz
∼20kHz at 48kHz, 20Hz~40kHz at fs=96kHz,
20Hz~40kHz at fs=192kHz; unless otherwise specified)
Parameter
min
typ
max
Unit
ADC Analog Input Characteristics (Single-ended Inputs)
Resolution
24
Bits
S/(N+D)
(-0.5dBFS)
fs=48kHz
fs=96kHz
84
-
96
92
dB
dB
DR
(-60dBFS)
fs=48kHz, A-weighted
fs=96kHz
fs=96kHz, A-weighted
94
88
93
102
99
105
dB
dB
dB
S/N
(Note 11)
fs=48kHz, A-weighted
fs=96kHz
fs=96kHz, A-weighted
94
88
93
102
99
105
dB
dB
dB
Interchannel Isolation
90
110
dB
DC Accuracy (Single-ended Inputs)
Interchannel Gain Mismatch
0.2
0.3
dB
Gain Drift
20
-
ppm/
°C
Input Voltage
AIN=0.68xVREFH
3.2
3.4
3.6
Vpp
fs=48kHz
10
14
k
Ω
Input Resistance
fs=96kHz
11
k
Ω
Power Supply Rejection
(Note 9)
50
dB
ADC Analog Input Characteristics (Differential inputs)
84
96
dB
S/(N+D)
(-0.5dBFS)
fs=48kHz
fs=96kHz
-
94
dB
95
103
dB
89
100
dB
DR
(-60dBFS)
fs=48kHz, A-weighted
fs=96kHz
fs=96kHz, A-weighted
94
106
dB
95
103
dB
89
100
dB
S/N
(Note 11)
fs=48kHz, A-weighted
fs=96kHz
fs=96kHz, A-weighted
94
106
dB
Interchannel Isolation
90
110
dB
DC Accuracy (Differential inputs)
Interchannel Gain Mismatch
0.2
0.3
dB
Gain Drift
20
-
ppm/
°C
Input Voltage
AIN=0.68xVREFH (Note 8)
±3.2
±3.4
±3.6
Vpp
fs=48kHz
22
32
kΩ
Input Resistance
fs=96kHz
19
kΩ
Power Supply Rejection
(Note 9)
50
-
dB
Common Mode Rejection Ratio (CMRR)
(Note 10)
60
dB


Similar Part No. - AK4627VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4620A AKM-AK4620A Datasheet
395Kb / 42P
   24 BIT 192KHZ AUDIO CODEC WITH IPGA
AK4620AVF AKM-AK4620AVF Datasheet
395Kb / 42P
   24 BIT 192KHZ AUDIO CODEC WITH IPGA
AK4620B AKM-AK4620B Datasheet
397Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
AK4620B AKM-AK4620B Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
logo
List of Unclassifed Man...
AK4620B ETC2-AK4620B Datasheet
400Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
More results

Similar Description - AK4627VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
   High Performance Multi-channel Audio CODEC
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
   High Performance Multi-channel Audio CODEC
AK4527B AKM-AK4527B Datasheet
292Kb / 33P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4626 AKM-AK4626 Datasheet
570Kb / 40P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4629 AKM-AK4629 Datasheet
852Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4628 AKM-AK4628 Datasheet
546Kb / 41P
   HIGH PERFORMANCE MULTI CHANNEL AUDIO CODEC
AK4529 AKM-AK4529 Datasheet
382Kb / 38P
   High Performance Multi-channel Audio CODEC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
logo
Wolfson Microelectronic...
WM8860 WOLFSON-WM8860 Datasheet
1Mb / 184P
   Multi-Channel High Definition Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com